Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2570H879 Datasheet(PDF) 9 Page - Agere Systems

Part # D2570H879
Description  D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2570H879 Datasheet(HTML) 9 Page - Agere Systems

Back Button D2570H879 Datasheet HTML 4Page - Agere Systems D2570H879 Datasheet HTML 5Page - Agere Systems D2570H879 Datasheet HTML 6Page - Agere Systems D2570H879 Datasheet HTML 7Page - Agere Systems D2570H879 Datasheet HTML 8Page - Agere Systems D2570H879 Datasheet HTML 9Page - Agere Systems D2570H879 Datasheet HTML 10Page - Agere Systems D2570H879 Datasheet HTML 11Page - Agere Systems D2570H879 Datasheet HTML 12Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet, Rev. 3
D2570, D2526G, D2555 Wavelength-Selected
July 2001
Direct Modulated Isolated DFB Laser Module
Agere Systems Inc.
9
D2526G20
192.0
1561.42
108003278
D2526G878
187.8
1596.34
108479502
D2526G877
187.7
1597.19
108479494
D2526G869
186.9
1604.33
108578220
D2526G876
187.6
1598.04
108479486
D2526G868
186.8
1604.88
108578204
D2526G875
187.5
1598.89
108479478
D2526G867
186.7
1605.74
108578196
D2526G874
187.4
1599.75
108479460
D2526G866
186.6
1606.60
108578188
D2526G873
187.3
1600.60
108479452
D2526G865
186.5
1607.47
108578162
D2526G872
187.2
1601.45
108479445
D2526G864
186.4
1608.33
108578154
D2526G871
187.1
1602.31
108479437
D2526G863
186.3
1609.19
108578105
D2526G870
187.0
1603.17
108578246
D2526G862
186.2
1610.06
108578097
Table 11. Ordering Information D2555G (FC-PC Connector)
Device
Code
ITU Freq.
(THz)
Center
Wavelength
(nm)
Comcode
Device
Code
ITU Freq.
(THz)
Center
Wavelength
(nm)
Comcode
D2555G61
196.1
1528.77
108309113
D2555G38
193.8
1546.92
108167008
D2555G60
196.0
1529.55
108309105
D2555G37
193.7
1547.72
108166992
D2555G59
195.9
1530.33
108309089
D2555G36
193.6
1548.51
108166984
D2555G58
195.8
1531.12
108309071
D2555G35
193.5
1549.32
108166976
D2555G57
195.7
1531.90
108309063
D2555G34
193.4
1550.12
108166968
D2555G56
195.6
1532.68
108167180
D2555G33
193.3
1550.92
108166950
D2555G55
195.5
1533.47
108167172
D2555G32
193.2
1551.72
108166943
D2555G54
195.4
1534.25
108167164
D2555G31
193.1
1552.52
108166935
D2555G53
195.3
1535.04
108167156
D2555G30
193.0
1553.33
108166927
D2555G52
195.2
1535.82
108167149
D2555G29
192.9
1554.13
108166877
D2555G51
195.1
1536.61
108167131
D2555G28
192.8
1554.94
108166851
D2555G50
195.0
1537.40
108167123
D2555G27
192.7
1555.75
108166836
D2555G49
194.9
1538.19
108167115
D2555G26
192.6
1556.55
108166810
D2555G48
194.8
1538.98
108167107
D2555G25
192.5
1557.36
108166794
D2555G47
194.7
1539.77
108167099
D2555G24
192.4
1558.17
108166786
D2555G46
194.6
1540.56
108167081
D2555G23
192.3
1558.98
108166760
D2555G45
194.5
1541.35
108167073
D2555G22
192.2
1559.79
108166745
D2555G44
194.4
1542.14
108167065
D2555G21
192.1
1560.61
108166737
D2555G43
194.3
1542.94
108167057
D2555G20
192.0
1561.42
108166695
D2555G42
194.2
1543.73
108167040
D2555G19
191.9
1562.23
108166687
D2555G41
194.1
1544.53
108167032
D2555G18
191.8
1563.05
108309972
D2555G40
194.0
1545.32
108167024
D2555G17
191.7
1563.86
108309964
D2555G39
193.9
1546.12
108167016
Table 10. Ordering Information D2526G (FC-PC Connector)
Device
Code
ITU Freq.
(THz)
Center
Wavelength
(nm)
Comcode
Device
Code
ITU Freq.
(THz)
Center
Wavelength
(nm)
Comcode
Ordering Information (continued)
(continued)


Similar Part No. - D2570H879

ManufacturerPart #DatasheetDescription
logo
Rohm
D2576 ROHM-D2576 Datasheet
43Kb / 1P
   Power Transistor (60V, 3A)
logo
Sanyo Semicon Device
D2578 SANYO-D2578 Datasheet
45Kb / 4P
   Color TV Horizontal Deflection Output Applications
logo
Inchange Semiconductor ...
D2578 ISC-D2578 Datasheet
161Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
D2578 SAVANTIC-D2578 Datasheet
168Kb / 4P
   Silicon NPN Power Transistors
D2578 SAVANTIC-D2578 Datasheet
169Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - D2570H879

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
D2547P AGERE-D2547P Datasheet
122Kb / 14P
   Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Eudyna Devices Inc
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
Emcore Corporation
1622-E1-AA-D1-1291-04 EMCORE-1622-E1-AA-D1-1291-04 Datasheet
318Kb / 6P
   CWDM DFB Laser Module
logo
Eudyna Devices Inc
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com