Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TBR-06-250 Datasheet(PDF) 2 Page - Major League Electronics

Part No. TBR-06-250
Description  .250cl Rising Clamp Terminal Block Interlock
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAJOR-LEAGUE [Major League Electronics]
Homepage  http://www.mlelectronics.com
Logo 

TBR-06-250 Datasheet(HTML) 2 Page - Major League Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.250cl Rising Clamp Terminal Block
Interlock
TBR-06-250-XX-XX-LF
04 DEC 08
Revisions
Revision B - (23rd Mar 2010)
Side view added,
Dielectric Withstanding Voltage amended to AC 2500V/1 minute,
Insulation Resistance amended to DC 500V 500MΩ,
Strip Length amended to .236-.354 (6-9mm)
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn