Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29F52 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 29F52
Description  8-Bit Registered Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

29F52 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  29F52 Datasheet HTML 1Page - Fairchild Semiconductor 29F52 Datasheet HTML 2Page - Fairchild Semiconductor 29F52 Datasheet HTML 3Page - Fairchild Semiconductor 29F52 Datasheet HTML 4Page - Fairchild Semiconductor 29F52 Datasheet HTML 5Page - Fairchild Semiconductor 29F52 Datasheet HTML 6Page - Fairchild Semiconductor 29F52 Datasheet HTML 7Page - Fairchild Semiconductor 29F52 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
3.0
5.5
7.5
2.5
8.5
ns
tPHL
CPA or CPB to An or Bn
4.0
7.0
9.0
3.5
10.0
tPZH
Output Enable Time
2.5
5.5
7.5
2.0
8.5
ns
tPZL
OEA or OEB to An or Bn
3.5
7.0
9.5
3.0
10.5
tPHZ
Output Disable Time
2.5
6.5
9.0
2.0
10.0
ns
tPLZ
OEA or OEB to An or Bn
2.5
5.5
7.5
2.0
8.5
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
4.0
4.5
ns
tS(L)
An or Bn to CPA or CPB
4.0
4.5
tH(H)
Hold Time, HIGH or LOW
2.0
2.5
ns
tH(L)
An or Bn to CPA or CPB
2.0
2.5
tS(H)
Setup Time, HIGH or LOW
1.0
1.5
ns
tS(L)
CEA or CEB to CPA or CPB
4.0
4.5
tH(H)
Hold Time, HIGH or LOW
2.0
2.5
ns
tH(L)
CEA or CEB to CPA or CPB
2.0
2.5
tW(H)
Pulse Width, HIGH or LOW
3.0
3.5
ns
tW(L)
CPA or CPB
3.0
3.5


Similar Part No. - 29F52

ManufacturerPart #DatasheetDescription
logo
Macronix International
29F001B-12 MCNIX-29F001B-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
29F001B-90 MCNIX-29F001B-90 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
29F001T-12 MCNIX-29F001T-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
29F001T-90 MCNIX-29F001T-90 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
STMicroelectronics
29F002 STMICROELECTRONICS-29F002 Datasheet
189Kb / 22P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
More results

Similar Description - 29F52

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
   8-Bit Latched Registered Transceiver
logo
Fairchild Semiconductor
V320 FAIRCHILD-V320 Datasheet
648Kb / 10P
   V320 8-Bit Registered Bus Transceiver
logo
Texas Instruments
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com