Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIMS48 Datasheet(PDF) 1 Page - Major League Electronics

Part # SIMS48
Description  6 or 8 Pin Surface Mount SIM Connector With Optional Post
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

SIMS48 Datasheet(HTML) 1 Page - Major League Electronics

  SIMS48 Datasheet HTML 1Page - Major League Electronics SIMS48 Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 or 8 Pin Surface Mount SIM
Connector With Optional Post
SIMS48 SERIES
19 APR 07
Major League Electronics 6 or 8 Pin Surface Mount SIM Connector With Optional Post
RECOMMENDED PCB LAYOUT
0.051
(1.30)
0.472
(12.00)
0.232
(5.90)
0.472
(12.00)
0.232
(5.90)
0.300
(7.62)
0.100
(2.54)
0.050
(1.27)
C1
0.472
(12.00)
0.232
(5.90)
0.372
(9.46)
0.677
(17.20)
0.031
(0.80)
0.300
(7.62)
0.598
(15.20)
0.646
(16.40)
C4
C5
C8
C6
C7
C2
C3
Post Optional
ø0.
04
(1.1
0)
ø0.
063
(1.6
0)
Height
Number of Contacts
2.2mm
SIMS48
Ordering Information
LF
-
-
-
-
6 or 8
Lead Free
Packing Information
C = Tube
F = Reel
22
(1.170L x 0.677W x 0.087H inches)
-
Switch
1 = Without Switch
X
22
1
X
X
Locating Peg
1 = With Locating Peg
2 = Without Locating Peg
(29.70L x 17.20W x 2.20H mm)
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Weight:
Approx. 0.80g
Insulation Resistance:
> 1000 MΩ/ 500 VDC
Storage Temperature:
-40°C, ~ +85°C
Contact Principle:
Landed Contact Technology
Wave:
Not applicable
Storage Humidity:
10% ~ 95% RH
Operating Position:
Shaft Up/Down/Horizontal
VaporPhase:
215°C, 30 sec. Max.
Thermal Shock:
-40°C, ~ +85°C, 5 cycles
Durability:
10,000 Cycles Min.
IR Reflow:
230°C, 15 sec. Max.
Damp Heat:
40°C, 90% RH, 500HR
Insulation Material:
Thermoplastic, UL94V-0
Manual Soldering:
360°C, 3 sec. Max.
Salt-Mist:
35°C, 5% NaCl, 48HR
Contact Material:
Gold plating with 3u” Min.
Operating Temperature: -40°C, ~ +85°C
Contact Resistance:
50 mΩ typical / 100 mΩ Max.
Operating Humidity:
10% ~ 95% RH


Similar Part No. - SIMS48

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
SIMS41 MAJOR-LEAGUE-SIMS41 Datasheet
86Kb / 2P
   6 or 8 Pin Surface Mount SIM Connector With Optional Post
SIMS46 MAJOR-LEAGUE-SIMS46 Datasheet
87Kb / 2P
   6 or 8 Pin Surface Mount SIM Connector With Switch & Optional Post
More results

Similar Description - SIMS48

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
SIMS26 MAJOR-LEAGUE-SIMS26 Datasheet
80Kb / 2P
   6 or 8 Pin Surface Mount SIM Connector With Optional Post
SIMS41 MAJOR-LEAGUE-SIMS41 Datasheet
86Kb / 2P
   6 or 8 Pin Surface Mount SIM Connector With Optional Post
SIMS46 MAJOR-LEAGUE-SIMS46 Datasheet
87Kb / 2P
   6 or 8 Pin Surface Mount SIM Connector With Switch & Optional Post
SIMS15 MAJOR-LEAGUE-SIMS15 Datasheet
86Kb / 2P
   6 or 8 Pin Surface Mount SIM Connector With Switch and Optional Post
SIMS22 MAJOR-LEAGUE-SIMS22 Datasheet
85Kb / 2P
   6 or 8 Pin Surface Mount SIM Connector
SIMS32 MAJOR-LEAGUE-SIMS32 Datasheet
111Kb / 2P
   6 Pin Surface Mount SIM Connector
logo
Tyco Electronics
5145299-1 MACOM-5145299-1 Datasheet
260Kb / 1P
   SIM/SAM CONNECTOR WITH LID, 8 POSN OR 6 POSN WITH SWITCH, SURFACE MOUNT
logo
Major League Electronic...
SIMS60 MAJOR-LEAGUE-SIMS60 Datasheet
87Kb / 2P
   SIM Card Connector Push/Push Type 6 or 8 Pin
logo
Molex Electronics Ltd.
301162 MOLEX11-301162 Datasheet
133Kb / 1P
   PUSH PUSH 6 PINS SIM WITH DETECT PIN AND POST
475531001_SD MOLEX-475531001_SD Datasheet
296Kb / 2P
   PUSG PUSH 6 PINS SIM WITH DETECT PIN&POST SALES DRAWING
2007/08/30
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com