Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2570H910 Datasheet(PDF) 1 Page - Agere Systems

Part # D2570H910
Description  D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2570H910 Datasheet(HTML) 1 Page - Agere Systems

  D2570H910 Datasheet HTML 1Page - Agere Systems D2570H910 Datasheet HTML 2Page - Agere Systems D2570H910 Datasheet HTML 3Page - Agere Systems D2570H910 Datasheet HTML 4Page - Agere Systems D2570H910 Datasheet HTML 5Page - Agere Systems D2570H910 Datasheet HTML 6Page - Agere Systems D2570H910 Datasheet HTML 7Page - Agere Systems D2570H910 Datasheet HTML 8Page - Agere Systems D2570H910 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
D2570, D2526, D2555 Wavelength-Selected
Direct Modulated Isolated DFB Laser Module
Data Sheet, Rev. 3
July 2001
The 1.5
µm D2570, D2526G, and D2555 Laser Modules are
available in a 14-pin, hermetic, butterfly package.
Features
s
ITU wavelengths available from
1528.77 nm —1610.06 nm
s
SONET/SDH compatible up to OC-48/STM-16
s
Temperature tunable for precise wavelength
selection
s
Integrated optical isolator
s
High-performance, multiquantum well (MQW)
distributed-feedback (DFB) laser
s
Industry-standard, 14-pin butterfly package
s
Characterized at 2.488 Gbits/s (NRZ)
s
InGaAs, PIN photodetector back-facet monitor
s
Low threshold current
s
High-reliability, hermetic packaging
s
Excellent long-term wavelength stability can elimi-
nate the need for external wavelength locker
s
Qualified to meet the intent of
Telcordia Technolo-
gies * 468
*
Telcordia Technologies is a trademark of Telcordia Technologies,
Inc.
Applications
s
Three direct-modulated DWDM families available
to meet a number of OC-48/STM-16 applications:
— Extended reach (100 km)
— Very long reach (170 km)
—Metro DWDM
— Digital video
Product Codes
Description
The Direct Modulated Isolated DFB Laser Module
contains an internally cooled, InGaAs, MQW, distrib-
uted-feedback (DFB) laser designed for 1.5
µm appli-
cations. The following three direct-modulation DWDM
product families have been established to meet vari-
ous OC-48/STM-16 system applications:
s
D2526-type: designed to be used in OC-48/
STM-16 (2.488 Gbits/s) for extended reach, dense
WDM applications (1800 ps/nm). The wavelength
of the laser can be temperature-tuned for precise
wavelength selection by adjusting the temperature
of the internal thermoelectric cooler.
s
D2555-type: high-performance device designed for
very low dispersion; used in fiber spans exceeding
170 km (3000 ps/nm).
s
D2570-type: high-power, direct-modulated laser
eliminates the need for optical amplifiers in DWDM
many applications.
Product
Code
Peak
Power
Dispersion
Performance
D2570H
10 mW
1800 ps/nm (100 km)
D2526G
2 mW
1800 ps/nm (100 km)
D2555G
2 mW
3000 ps/nm (170 km)


Similar Part No. - D2570H910

ManufacturerPart #DatasheetDescription
logo
Rohm
D2576 ROHM-D2576 Datasheet
43Kb / 1P
   Power Transistor (60V, 3A)
logo
Sanyo Semicon Device
D2578 SANYO-D2578 Datasheet
45Kb / 4P
   Color TV Horizontal Deflection Output Applications
logo
Inchange Semiconductor ...
D2578 ISC-D2578 Datasheet
161Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
D2578 SAVANTIC-D2578 Datasheet
168Kb / 4P
   Silicon NPN Power Transistors
D2578 SAVANTIC-D2578 Datasheet
169Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - D2570H910

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
D2547P AGERE-D2547P Datasheet
122Kb / 14P
   Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Eudyna Devices Inc
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
Emcore Corporation
1622-E1-AA-D1-1291-04 EMCORE-1622-E1-AA-D1-1291-04 Datasheet
318Kb / 6P
   CWDM DFB Laser Module
logo
Eudyna Devices Inc
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com