Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4454 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 1N4454
Description  High Conductance Ultra Fast Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4454 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  1N4454 Datasheet HTML 1Page - Fairchild Semiconductor 1N4454 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Max
Units
BV
Breakdown Voltage
IR = 5.0
µA
75
V
IR
Reverse Current
VR = 50 V
VR = 50 V, TA = 150
°C
100
100
nA
µA
VF
Forward Voltage
IF = 250
µA
IF = 1.0 mA
IF = 2.0 mA
IF = 10 mA
505
550
610
575
650
710
1.0
mV
mV
mV
V
CO
Diode Capacitance
VR = 0, f = 1.0 MHz
4.0
pF
TRR
Reverse Recovery Time
IF = 10 mA, VR = 1.0 V,
Irr = 1.0 mA, RL = 100 Ω
4.0
nS
High Conductance Ultra Fast Diode
(continued)


Similar Part No. - 1N4454

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N4454 RECTRON-1N4454 Datasheet
11Kb / 1P
   SIGNAL DIODE
logo
Fairchild Semiconductor
1N4454 FAIRCHILD-1N4454 Datasheet
336Kb / 10P
   General Purpose Diodes
logo
List of Unclassifed Man...
1N4454 ETC2-1N4454 Datasheet
38Kb / 2P
   1N4454 and IN4454-1 AVAILABLE IN JAN, JANTX, AND JANTXV
logo
Semtech Corporation
1N4454 SEMTECH-1N4454 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
Microsemi Corporation
1N4454 MICROSEMI-1N4454 Datasheet
33Kb / 2P
   SWITCHING DIODE
More results

Similar Description - 1N4454

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4150 FAIRCHILD-1N4150 Datasheet
26Kb / 3P
   High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99_09 Datasheet
187Kb / 4P
   HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Fairchild Semiconductor
FDH600 FAIRCHILD-FDH600_97 Datasheet
28Kb / 3P
   High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99 Datasheet
98Kb / 4P
   HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Guangdong Kexin Industr...
MMBD1201 KEXIN-MMBD1201 Datasheet
41Kb / 2P
   High Conductance Ultra Fast Diode
logo
Fairchild Semiconductor
BAW56 FAIRCHILD-BAW56 Datasheet
34Kb / 2P
   High Conductance Ultra Fast Diode
BAY74 FAIRCHILD-BAY74 Datasheet
32Kb / 1P
   High Conductance Ultra Fast Diode
MMBD7000 FAIRCHILD-MMBD7000 Datasheet
34Kb / 2P
   High Conductance Ultra Fast Diode
BAV70 FAIRCHILD-BAV70 Datasheet
24Kb / 3P
   High Conductance Ultra Fast Diode
MMBD1201 FAIRCHILD-MMBD1201 Datasheet
47Kb / 4P
   High Conductance Ultra Fast Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com