Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4154 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 1N4154
Description  High Conductance Fast Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4154 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  1N4154 Datasheet HTML 1Page - Fairchild Semiconductor 1N4154 Datasheet HTML 2Page - Fairchild Semiconductor 1N4154 Datasheet HTML 3Page - Fairchild Semiconductor 1N4154 Datasheet HTML 4Page - Fairchild Semiconductor 1N4154 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DISCRETE POWER AND SIGNAL
TECHNOLOGIES
DO-35 PACKAGE
Fairchild Semiconductor's Criteria
11-MAR-97
GLASS SLEEVE
0.150 (3.810)
0.140 (3.556)
0.021 (0.533) Diameter
0.019 (0.483)
0.074 (1.880) Diameter
0.068 (1.727)
NOTE 1:
LEAD DIAMETER NOT CONTROLLED IN
THIS ZONE TO ALLOW FOR FLASH, LEAD
FINISH BUILD-UP, & MINOR
IRREGULARITIES OTHER THAN SLUGS.
0.050 (1.270)
Maximum
SEE NOTE 1 BELOW
1.105 (28.067)
1.081 (27.457)
LEADS: COPPER CLAD STEEL
TYPICAL 20 Mils
LEADS TIN DIPPED
(60% SN 40% PB)
STUDS: DUMET (ALLOY 42)
STANDARD DIGITAL MARKING CRITERIA
MAXIMUM CHARACTERS PER LINE: 3
MAXIMUM NUMBER OF LINES: 4
LOGO AND CHARACTERS M & W COUNT AS 2 CHARACTERS EACH
Package Weight
0.14 grams
CATHODE BAND


Similar Part No. - 1N4154

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4154 VISHAY-1N4154 Datasheet
39Kb / 4P
   Silicon Epitaxial Planar Diode
Rev. 1.8, 16-Feb-07
logo
Galaxy Semi-Conductor H...
1N4154 BILIN-1N4154 Datasheet
332Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
logo
EIC discrete Semiconduc...
1N4154 EIC-1N4154 Datasheet
128Kb / 2P
   HIGH SPEED SWITCHING DIODE
logo
Semtech Corporation
1N4154 SEMTECH-1N4154 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
SEMTECH ELECTRONICS LTD...
1N4154 SEMTECH_ELEC-1N4154 Datasheet
119Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
More results

Similar Description - 1N4154

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMSD4148 FAIRCHILD-MMSD4148 Datasheet
22Kb / 2P
   High Conductance Fast Diode
1N4154 FAIRCHILD-1N4154_09 Datasheet
162Kb / 3P
   High Conductance Fast Diode
MMBD4448 FAIRCHILD-MMBD4448 Datasheet
41Kb / 5P
   High Conductance Fast Diode
MMSD914 FAIRCHILD-MMSD914 Datasheet
22Kb / 3P
   High Conductance Fast Diode
1N4150 FAIRCHILD-1N4150 Datasheet
26Kb / 3P
   High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99_09 Datasheet
187Kb / 4P
   HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Fairchild Semiconductor
FDH600 FAIRCHILD-FDH600_97 Datasheet
28Kb / 3P
   High Conductance Ultra Fast Diode
1N4148WT FAIRCHILD-1N4148WT Datasheet
134Kb / 6P
   High Conductance Fast Switching Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99 Datasheet
98Kb / 4P
   HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Guangdong Kexin Industr...
MMBD1201 KEXIN-MMBD1201 Datasheet
41Kb / 2P
   High Conductance Ultra Fast Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com