Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMFT3055V Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMFT3055V
Description  TMOS POWER FET 1.7 AMPERES 60 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMFT3055V Datasheet(HTML) 2 Page - Motorola, Inc

  MMFT3055V Datasheet HTML 1Page - Motorola, Inc MMFT3055V Datasheet HTML 2Page - Motorola, Inc MMFT3055V Datasheet HTML 3Page - Motorola, Inc MMFT3055V Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMFT3055V
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
63
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
10
100
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
2.8
5.6
4.0
Vdc
mV/
°C
Static Drain–to–Source On–Resistance (VGS = 10 Vdc, ID = 0.85 Adc)
RDS(on)
0.115
0.13
Ohm
Drain–to–Source On–Voltage
(VGS = 10 Vdc, ID = 1.7 Adc)
(VGS = 10 Vdc, ID = 0.85 Adc, TJ = 150°C)
VDS(on)
0.27
0.25
Vdc
Forward Transconductance (VDS = 8.0 Vdc, ID = 1.7 Adc)
gFS
1.0
2.7
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
360
500
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
110
150
Transfer Capacitance
f = 1.0 MHz)
Crss
25
50
SWITCHING CHARACTERISTICS (2)
Turn–On Delay Time
(VDD = 30 Vdc, ID = 1.7 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
td(on)
8.0
20
ns
Rise Time
(VDD = 30 Vdc, ID = 1.7 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
tr
9.0
20
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
32
60
Fall Time
G = 9.1 Ω)
tf
18
40
Gate Charge
(VDS = 48 Vdc, ID = 1.7 Adc,
VGS = 10 Vdc)
QT
13
20
nC
(VDS = 48 Vdc, ID = 1.7 Adc,
VGS = 10 Vdc)
Q1
2.0
(VDS = 48 Vdc, ID = 1.7 Adc,
VGS = 10 Vdc)
Q2
5.0
Q3
4.0
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage (1)
(IS = 1.7 Adc, VGS = 0 Vdc)
(IS = 1.7 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
0.85
0.7
1.6
Vdc
Reverse Recovery Time
(IS = 1.7 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
trr
40
ns
(IS = 1.7 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
34
(IS = 1.7 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
6.0
Reverse Recovery Stored Charge
QRR
0.089
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the drain lead 0.25
″ from package to center of die)
LD
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
7.5
nH
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.


Similar Part No. - MMFT3055V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMFT3055V ONSEMI-MMFT3055V Datasheet
213Kb / 7P
   Power MOSFET
August, 2006 ??Rev. 4
logo
Motorola, Inc
MMFT3055VL MOTOROLA-MMFT3055VL Datasheet
224Kb / 10P
   TMOS POWER FET 1.5 AMPERES 60 VOLT
logo
ON Semiconductor
MMFT3055VL ONSEMI-MMFT3055VL Datasheet
224Kb / 10P
   Power MOSFET
August, 2006 ??Rev. 3
MMFT3055VLT1 ONSEMI-MMFT3055VLT1 Datasheet
224Kb / 10P
   Power MOSFET
August, 2006 ??Rev. 3
MMFT3055VLT3 ONSEMI-MMFT3055VLT3 Datasheet
224Kb / 10P
   Power MOSFET
August, 2006 ??Rev. 3
More results

Similar Description - MMFT3055V

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
MMFT3055E MOTOROLA-MMFT3055E Datasheet
238Kb / 10P
   MEDIUM POWER TMOS FET 1.7 AMP 60 VOLTS
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
   TMOS POWER FET 15 AMPERES 60 VOLTS
MTB52N06VL MOTOROLA-MTB52N06VL Datasheet
200Kb / 10P
   TMOS POWER FET 52 AMPERES 60 VOLTS
MTB52N06V MOTOROLA-MTB52N06V Datasheet
198Kb / 10P
   TMOS POWER FET 52 AMPERES 60 VOLTS
MTB75N06HD MOTOROLA-MTB75N06HD Datasheet
342Kb / 12P
   TMOS POWER FET 75 AMPERES 60 VOLTS
MTB23P06V MOTOROLA-MTB23P06V Datasheet
249Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTB30P06V MOTOROLA-MTB30P06V Datasheet
247Kb / 10P
   TMOS POWER FET 30 AMPERES 60 VOLTS
MTB50N06V MOTOROLA-MTB50N06V Datasheet
289Kb / 10P
   TMOS POWER FET 42 AMPERES 60 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com