Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C3115 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part No. C3115
Description  COMMUNICATION AND CONTROL CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GENERAL [General Cable Technologies Corporation]
Homepage  http://www.generalcable.com
Logo 

C3115 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A.
B.
C.
300V Max
D.
E.
C3115
Revision:
Impediance:
71.1 Ohms @ 1MHz (Nom)
.015" Wall, Plenum PVC
- Ripcord under jacket
17.5 Ohms/M' @ 20°C (Max)
Type CL3P
National Electrical Code
Article 800
UL Standard 444
Type CMP
Product Data Sheet
INDUSTRY APPROVALS
ELECTRICAL PROPERTIES
Part Number:
CONSTRUCTION
National Electrical Code
Article 725
COMMUNICATION AND CONTROL CABLE
UL Standard 13
1/29/2013
CAROL (R) 22 AWG -- C3115 -- 75C E60233-8 (UL) CL3P -- C(UL) CMP -- ROHS --
MADE IN USA (date code) (sequential footage)
.120" Nom
DIAMETERS
.029" Nom
2C 22 AWG (7/32) TC PVC, UNSH, PVC
Temperature:
Suggested Working Voltage:
.090" Nom
Conductor:
Insulation:
Cable Core:
#22 AWG (7/32) Tinned Copper
.008" Wall, Plenum PVC
2C @ 6.00" LHL
.045" Nom
Jacket:
Print Legend:
0° to +75°C
CUSTOMER APPROVAL
Signature:
Date:
Mutual Capacitance:
27.4 pF/ft. @ 1 kHz (Nom)
ITEM
1
2
COLOR CODE
COLOR
BLACK
WHITE
Conductor DCR:
Note: Data subject to change without notice. Contact your Customer Service representative for latest information.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn