Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC3061M Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # MOC3061M
Description  The MOC306XM and MOC316XM devices consist of a GaAs infrared emitting diode optically coupled to a monolithic silicon detector performing the function of a zero voltage crossing bilateral triac driver.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3061M Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button MOC3061M Datasheet HTML 3Page - Fairchild Semiconductor MOC3061M Datasheet HTML 4Page - Fairchild Semiconductor MOC3061M Datasheet HTML 5Page - Fairchild Semiconductor MOC3061M Datasheet HTML 6Page - Fairchild Semiconductor MOC3061M Datasheet HTML 7Page - Fairchild Semiconductor MOC3061M Datasheet HTML 8Page - Fairchild Semiconductor MOC3061M Datasheet HTML 9Page - Fairchild Semiconductor MOC3061M Datasheet HTML 10Page - Fairchild Semiconductor MOC3061M Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC306XM, MOC316XM Rev. 1.0.4
8
Package Dimensions
8.13–8.89
6.10–6.60
Pin 1
64
13
0.25–0.36
5.08 (Max.)
3.28–3.53
0.38 (Min.)
2.54–3.81
2.54 (Bsc)
(0.86)
0.41–0.51
1.02–1.78
0.76–1.14
8.13–8.89
6.10–6.60
Pin 1
64
13
0.25–0.36
5.08 (Max.)
3.28–3.53
0.38 (Min.)
2.54–3.81
2.54 (Bsc)
(0.86)
0.41–0.51
1.02–1.78
0.76–1.14
7.62 (Typ.)
15° (Typ.)
0.20–0.30
0.20–0.30
10.16–10.80
Through Hole
0.4" Lead Spacing
Surface Mount
Rcommended Pad Layout
(1.78)
(2.54)
(1.52)
(7.49)
(10.54)
(0.76)
8.13–8.89
Note:
All dimensions in mm.
6.10–6.60
8.43–9.90
Pin 1
64
13
0.25–0.36
2.54 (Bsc)
(0.86)
0.41–0.51
1.02–1.78
0.76–1.14
0.38 (Min.)
3.28–3.53
5.08
(Max.)
0.20–0.30
0.16–0.88
(8.13)


Similar Part No. - MOC3061M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MOC3061M ONSEMI-MOC3061M Datasheet
402Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
May, 2021 ??Rev. 2
logo
Guangdong Youtai Semico...
MOC3061M UMW-MOC3061M Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
logo
ON Semiconductor
MOC3061M ONSEMI-MOC3061M Datasheet
274Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 3
MOC3061M ONSEMI-MOC3061M_V01 Datasheet
274Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 3
More results

Similar Description - MOC3061M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H11J1X ETC-H11J1X Datasheet
52Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
ISOCOM COMPONENTS
MOC3009X ISOCOM-MOC3009X Datasheet
54Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
List of Unclassifed Man...
IS6003 ETC-IS6003 Datasheet
54Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
ISOCOM COMPONENTS
IS6005X ISOCOM-IS6005X Datasheet
75Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
List of Unclassifed Man...
IS607 ETC-IS607 Datasheet
58Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
ISOCOM COMPONENTS
MOC3020X ISOCOM-MOC3020X Datasheet
67Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
Panasonic Semiconductor
IS6005X PANASONIC-IS6005X Datasheet
75Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
List of Unclassifed Man...
IS3021 ETC-IS3021 Datasheet
44Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
MOC3031 ETC-MOC3031 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS620 ETC-IS620 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com