Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2587P24 Datasheet(PDF) 4 Page - Agere Systems

Part # D2587P24
Description  Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2587P24 Datasheet(HTML) 4 Page - Agere Systems

  D2587P24 Datasheet HTML 1Page - Agere Systems D2587P24 Datasheet HTML 2Page - Agere Systems D2587P24 Datasheet HTML 3Page - Agere Systems D2587P24 Datasheet HTML 4Page - Agere Systems D2587P24 Datasheet HTML 5Page - Agere Systems D2587P24 Datasheet HTML 6Page - Agere Systems D2587P24 Datasheet HTML 7Page - Agere Systems D2587P24 Datasheet HTML 8Page - Agere Systems D2587P24 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Wavelength-Selected, High-Power D2587P-Type (with Wavelength
Data Sheet, Rev. 2
Locker)/D2547P-Type Isolated DFB Laser Modules
July 2001
4
Agere Systems Inc.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
* Does not apply to shipping container.
Parameter
Symbol
Min
Max
Unit
Laser Reverse Voltage
VRLMAX
—2
V
dc Forward Current
IFLMAX
225
mA
Operating Case Temperature Range
TC
–25
70
°C
Storage Case Temperature Range*
Tstg
–40
70
°C
Photodiode Reverse Voltage
VRPDMAX
—10
V
Photodiode Forward Current
IFPDMAX
—2
mA
Handling Precautions
Power Sequencing
To avoid the possibility of damage to the laser module
from power supply switching transients, follow this
turn-on sequence:
1. All ground connections
2. Most negative supply
3. Most positive supply
4. All remaining connections
Reverse the order for the proper turn-off sequence.
Electrostatic Discharge
CAUTION: This device is susceptible to damage as
a result of electrostatic discharge. Take
proper precautions during both han-
dling and testing. Follow guidelines
such as JEDEC Publication No. 108-A
(Dec. 1988).
Agere Systems employs a human-body model (HBM)
for ESD-susceptibility testing and protection-design
evaluation. ESD voltage thresholds are dependent on
the critical parameters used to define the model. A
standard HBM (resistance = 1.5 k
Ω, capacitance = 100
pF) is widely used and, therefore, can be used for com-
parison purposes. The HBM ESD threshold presented
here was obtained using these circuit parameters:
Mounting Instructions
The minimum fiber bend radius is 1.0 in. (25.4 mm)
To avoid degradation in performance, mount the mod-
ule on the board as follows:
1. Place the bottom flange of the module on a flat heat
sink at least 0.5 in. x 1.180 in. (12.7 mm x 30 mm) in
size. The surface finish of the heat sink should be
better than 32
µin. (0.8 µm), and the surface flatness
must be better than 0.001 in. (25.4
µm). Using ther-
mal conductive grease is optional; however, thermal
performance can be improved by up to 5% if conduc-
tive grease is applied between the bottom flange and
the heat sink.
2. Mount four #2-56 screws with Fillister heads
(M2-3 mm) at the four screw hole locations (see Out-
line Diagram). The Fillister head diameter must not
exceed 0.140 in. (3.55 mm). Do not apply more than
1 in.-lb. of torque to the screws.
Note: Dimensions are in inches and (millimeters).
Figure 4. Fillister Head Screw
Parameter
Value
Unit
Human-body Model
>400
V
0.118
(3.00)
0.062 (1.58)
0.140
(3.56)
0.031 (0.79)
0.129 (3.28) R
0.086
(2.18)
0.041 (1.04)
1-532(C)


Similar Part No. - D2587P24

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
D2580 SANYO-D2580 Datasheet
43Kb / 4P
   Color TV Horizontal Deflection Output Applications
D2581 SANYO-D2581 Datasheet
43Kb / 4P
   Color TV Horizontal Deflection Output Applications
logo
Toshiba Semiconductor
D2586 TOSHIBA-D2586 Datasheet
211Kb / 4P
   NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV)
More results

Similar Description - D2587P24

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
logo
Eudyna Devices Inc
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
logo
Agere Systems
D2570 AGERE-D2570 Datasheet
112Kb / 12P
   D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
List of Unclassifed Man...
2309-3-650 ETC2-2309-3-650 Datasheet
34Kb / 1P
   Laser Diode Modules: By Wavelength
logo
JDS Uniphase Corporatio...
WVL-2B1050110 JDSU-WVL-2B1050110 Datasheet
202Kb / 5P
   Broadband (Fabry-Perot) Wavelength Locker
logo
Agere Systems
CW20P AGERE-CW20P Datasheet
72Kb / 6P
   CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
logo
CT Micro International ...
RGBP080806-PCTC7 CTMICRO-RGBP080806-PCTC7 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev 2 Jan, 2021
BYRP161504-PBTC2 CTMICRO-BYRP161504-PBTC2 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev2 Jan, 2021
GRBC212110-PCTC6 CTMICRO-GRBC212110-PCTC6 Datasheet
1Mb / 10P
   Multi-Wavelength SMD Type
Rev1 Sep, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com