Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3120TS Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FOD3120TS
Description  High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3120TS Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FOD3120TS Datasheet HTML 3Page - Fairchild Semiconductor FOD3120TS Datasheet HTML 4Page - Fairchild Semiconductor FOD3120TS Datasheet HTML 5Page - Fairchild Semiconductor FOD3120TS Datasheet HTML 6Page - Fairchild Semiconductor FOD3120TS Datasheet HTML 7Page - Fairchild Semiconductor FOD3120TS Datasheet HTML 8Page - Fairchild Semiconductor FOD3120TS Datasheet HTML 9Page - Fairchild Semiconductor FOD3120TS Datasheet HTML 10Page - Fairchild Semiconductor FOD3120TS Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3120 Rev. 1.17.0
7
Typical Performance Curves
T
A -AMBIENT TEMPERATURE (°C)
-40
-20
0
20
406080
100
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
V
CC =15V to 30V
V
EE =0V
I
F =7mA to 16mA
I
O =-100mA
T
A –AMBIENT TEMPERATURE (°C)
-4 0
-20
0
2 0
406080
100
0
1
2
3
4
5
f= 10 0 Hz
DUTY CYCLE = 0.5%
I
F =7 t o 16m A
R
g =10Ω to GND
V
CC = 15V
V
CC
= 30V
T
A -AMBIENT TEMPERATUR E (° C)
-40
-20
0
20
406080
100
0.00
0.05
0.10
0.15
0.20
0.25
V
CC =1 5V to 3 0 V
V
EE =0V
V
F(OF F) =-3 V to 0.8 V
I
O =100mA
T
A –AMBIENT TEMPERATURE (°C)
-4 0
-2 0
0
20
406080
10 0
0
2
4
6
8
f= 200 Hz
DUTY CYCLE = 0.2%
I
F =7 to 16m A
R
g =5Ω to GND
V
CC = 15V
V
CC = 30V
I
OH
-OUTPUT HIGH CURRENT (A)
0. 0
0.5
1.0
1.5
2.0
2.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
T
A =- 40°C
T
A =100 °C
T
A =25°C
Frequency = 250Hz
Duty C ycle = 0.1%
I
F =7 to 16mA
V
CC =1 5 to30V
V
EE =0V
I
OL -OUTPUT LOW CU RRENT (A)
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
T
A =- 40°C
T
A = 100°C
T
A =25°C
Frequency = 250Hz
Duty Cycle = 99.9%
V
F( OFF) =- 3.0V to 0.8V
V
CC =15V to 30V
V
EE =0V
Fig. 1 Output High Voltage Drop vs. Output High Current
Fig. 2 Output High Voltage Drop vs. Ambient Temperature
Fig. 3 Output High Current vs. Ambient Temperature
Fig. 4 Output High Current vs. Ambient Temperature
Fig. 6 Output Low Voltage vs. Ambient Temperature
Fig. 5 Output Low Voltage vs. Output Low Current


Similar Part No. - FOD3120TS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD3120TSR2V ONSEMI-FOD3120TSR2V Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3120TSV ONSEMI-FOD3120TSV Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
More results

Similar Description - FOD3120TS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3150 FAIRCHILD-FOD3150 Datasheet
714Kb / 19P
   High Noise Immunity, 1.0A Output Current, Gate Drive Optocoupler
logo
ON Semiconductor
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150 ONSEMI-FOD3150_V01 Datasheet
504Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
logo
COSMO Electronics Corp...
KP1510S COSMO-KP1510S Datasheet
186Kb / 9P
   High Noise Immunity, 2.5A Output Current
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Fairchild Semiconductor
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com