Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3120TS Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FOD3120TS
Description  High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3120TS Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FOD3120TS Datasheet HTML 2Page - Fairchild Semiconductor FOD3120TS Datasheet HTML 3Page - Fairchild Semiconductor FOD3120TS Datasheet HTML 4Page - Fairchild Semiconductor FOD3120TS Datasheet HTML 5Page - Fairchild Semiconductor FOD3120TS Datasheet HTML 6Page - Fairchild Semiconductor FOD3120TS Datasheet HTML 7Page - Fairchild Semiconductor FOD3120TS Datasheet HTML 8Page - Fairchild Semiconductor FOD3120TS Datasheet HTML 9Page - Fairchild Semiconductor FOD3120TS Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3120 Rev. 1.17.0
6
Switching Characteristics
Apply over all recommended conditions, typical value is measured at VCC = 30V, VEE = Ground, TA = 25°C
unless otherwise specified.
Notes:
1. Maximum pulse width = 10µs, maximum duty cycle = 1.1%
2. Derate linearly above 87°C, free air temperature at a rate of 0.77mW/°C
3. No derating required across temperature range.
4. Functional operation under these conditions is not implied. Permanent damage may occur if the device is
subjected to conditions outside these ratings.
5. Device is considered a two terminal device: Pins 2 and 3 are shorted together and Pins 5, 6, 7 and 8 are shorted
together.
6. 5,000 VRMS for 1 minute duration is equivalent to 6,000 VACRMS for 1 second duration.
7. The difference between tPHL and tPLH between any two FOD3120 parts under same test conditions.
8. Common mode transient immunity at output high is the maximum tolerable negative dVcm/dt on the trailing edge of
the common mode impulse signal, Vcm, to assure that the output will remain high (i.e. VO > 15.0V).
9. Common mode transient immunity at output low is the maximum tolerable positive dVcm/dt on the leading edge of
the common pulse signal, Vcm, to assure that the output will remain low (i.e. VO < 1.0V).
10. Pulse Width, PW ≤ 1µs, 300pps
11. Exponential Waveform, IO(PEAK) | 2.5A | (≤ 0.3µs)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
tPHL
Propagation Delay Time to Logic
Low Output
IF = 7mA to 16mA,
Rg = 10
Ω, Cg =10nF,
f = 10kHz, Duty Cycle = 50%
150
275
400
ns
tPLH
Propagation Delay Time to Logic
High Output
150
255
400
ns
PWD
Pulse Width Distortion,
| tPHL – tPLH |
20
100
ns
PDD
(Skew)
Propagation Delay Difference
Between Any Two Parts or
Channels, (tPHL – tPLH)
(7)
-250
250
ns
tr
Output Rise Time (10% – 90%)
60
ns
tf
Output Fall Time (90% – 10%)
60
ns
tUVLO ON
UVLO Turn On Delay
IF = 10mA , VO > 5V
1.6
µs
tUVLO OFF UVLO Turn Off Delay
IF = 10mA , VO < 5V
0.4
µs
| CMH |
Common Mode Transient
Immunity at Output High
TA = 25°C, VCC = 30V,
IF = 7 to 16mA, VCM = 2000V
(8)
35
50
kV/µs
| CML |
Common Mode Transient
Immunity at Output Low
TA = 25°C, VCC = 30V, VF = 0V,
VCM = 2000V
(9)
35
50
kV/µs


Similar Part No. - FOD3120TS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD3120TSR2V ONSEMI-FOD3120TSR2V Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3120TSV ONSEMI-FOD3120TSV Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
More results

Similar Description - FOD3120TS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3150 FAIRCHILD-FOD3150 Datasheet
714Kb / 19P
   High Noise Immunity, 1.0A Output Current, Gate Drive Optocoupler
logo
ON Semiconductor
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150 ONSEMI-FOD3150_V01 Datasheet
504Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
logo
COSMO Electronics Corp...
KP1510S COSMO-KP1510S Datasheet
186Kb / 9P
   High Noise Immunity, 2.5A Output Current
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Fairchild Semiconductor
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com