Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL0638 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # HCPL0638
Description  The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0638 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button HCPL0638_09 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0638_09 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0638_09 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0638_09 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0638_09 Datasheet HTML 9Page - Fairchild Semiconductor HCPL0638_09 Datasheet HTML 10Page - Fairchild Semiconductor HCPL0638_09 Datasheet HTML 11Page - Fairchild Semiconductor HCPL0638_09 Datasheet HTML 12Page - Fairchild Semiconductor HCPL0638_09 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.8
9
Typical Performance Curves (HCPL0637, HCPL0638 and HCPL0639 only)
Fig. 12 Input Forward Current vs. Forward Voltage
Fig. 13 Input Threshold Current vs. Ambient Temperature
Fig. 14 High Level Output Current vs.
Ambient Temperature
Fig. 15 Low Level Output Current vs.
Ambient Temperature
Fig. 16 Low Level Output Voltage vs.
Ambient Temperature
V
F – FORWARD VOLTAGE (V)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
TA = 85°C
TA = 100°C
TA = 25°C
TA = 0°C
TA = -40°C
0.8
0.001
0.01
0.1
1
10
100
TA – AMBIENT TEMPERATURE (°C)
TA – AMBIENT TEMPERATURE (°C)
TA – AMBIENT TEMPERATURE (°C)
TA – AMBIENT TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
VCC = 5.5V
VO = 0.6V
RL = 1kΩ
RL = 350Ω
RL = 4kΩ
-40
-20
0
20
40
60
80
100
0
4
8
12
16
20
VO = VCC = 5.5V
VE = 2V (Single Channel Only)
IF = 250 µA
-40
-20
0
20
40
60
80
100
10
15
20
25
30
35
40
V
CC
= 5.5V
VE = 2V (Single Channel Only)
VOL = 0.6V
IF = 5 – 15mA
-40
-20
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
V
CC
= 5.5V
VE = 2V (Single Channel Only)
IF = 5mA
IO = 6.4mA
IO = 9.6mA
IO = 12.8mA
IO = 16mA
Fig. 17 Pulse Width Distortion vs.
Ambient Temperature
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
60
70
V
CC
= 5V
IF = 7.5mA
RL = 1k
RL = 350
RL = 4k
TA – AMBIENT TEMPERATURE (°C)


Similar Part No. - HCPL0638_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Similar Description - HCPL0638_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD0708 FAIRCHILD-FOD0708 Datasheet
545Kb / 11P
   Optocouplers consist of an AlGaAs LED optically coupled to a high speed trans-impedance amplifier and voltage comparator
logo
List of Unclassifed Man...
ICPL2611 ETC-ICPL2611 Datasheet
78Kb / 4P
   HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
ICPL2631 ETC-ICPL2631 Datasheet
68Kb / 4P
   DUAL CHANNEL, HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
logo
Opto Electronics Co,. L...
6N137 E-OEC-6N137 Datasheet
284Kb / 6P
   VERY HIGH-SPEED LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
MOC3063M FAIRCHILD-MOC3063M Datasheet
278Kb / 11P
   The MOC306XM and MOC316XM devices consist of a GaAs infrared emitting diode optically coupled to a monolithic silicon detector performing the function of a zero voltage crossing bilateral triac driver.
logo
Toshiba Semiconductor
TLP595G TOSHIBA-TLP595G Datasheet
318Kb / 8P
   The Toshiba TLP595G consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET
logo
OPTEK Technologies
OPI8137 OPTEK-OPI8137 Datasheet
174Kb / 4P
   Optically Coupled Logic gate
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Toshiba Semiconductor
TLP4592G TOSHIBA-TLP4592G Datasheet
217Kb / 6P
   The Toshiba TLP4592G consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in a DIP package.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com