Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3120SV Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FOD3120SV
Description  High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3120SV Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FOD3120SV Datasheet HTML 1Page - Fairchild Semiconductor FOD3120SV Datasheet HTML 2Page - Fairchild Semiconductor FOD3120SV Datasheet HTML 3Page - Fairchild Semiconductor FOD3120SV Datasheet HTML 4Page - Fairchild Semiconductor FOD3120SV Datasheet HTML 5Page - Fairchild Semiconductor FOD3120SV Datasheet HTML 6Page - Fairchild Semiconductor FOD3120SV Datasheet HTML 7Page - Fairchild Semiconductor FOD3120SV Datasheet HTML 8Page - Fairchild Semiconductor FOD3120SV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3120 Rev. 1.17.0
5
Electrical Characteristics
Apply over all recommended conditions, typical value is measured at VCC = 30V, VEE = Ground, TA = 25°C
unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VF
Input Forward Voltage
IF = 10mA
1.2
1.5
1.8
V
∆(V
F / TA)Temperature Coefficient of
Forward Voltage
-1.8
mV/ºC
BVR
Input Reverse Breakdown
Voltage
IR = 10µA
5
V
CIN
Input Capacitance
f = 1MHz, VF = 0V
60
pF
IOH
High Level Output Current(1)
VO = VCC – 3V
-1
-2.0
-2.5
A
VO = VCC – 6V
-2.0
-2.5
IOL
Low Level Output Current(1)
VO = VEE + 3V
1
2.0
2.5
A
VO = VEE + 6V
2.0
2.5
VOH
High Level Output Voltage
IF = 10mA, IO = -2.5A
VCC – 6.25V
VCC – 2.5V
V
IF = 10mA, IO = -100mA
VCC – 0.25V
VCC – 0.1V
VOL
Low Level Output Voltage
IF = 0mA, IO = 2.5A
VEE + 2.5V
VEE + 6.25V
V
IF = 0mA, IO = 100mA
VEE + 0.1V
VEE + 0.25V
ICCH
High Level Supply Current
VO = Open, IF = 7 to 16mA
2.8
3.8
mA
ICCL
Low Level Supply Current
VO = Open, VF = 0 to 0.8V
2.8
3.8
mA
IFLH
Threshold Input Current
Low to High
IO = 0mA, VO > 5V
2.3
5.0
mA
VFHL
Threshold Input Voltage
High to Low
IO = 0mA, VO < 5V
0.8
V
VUVLO+
Under Voltage Lockout
Threshold
IF = 10mA, VO > 5V
11.5
12.7
13.5
V
VUVLO–
IF = 10mA, VO < 5V
10.0
11.2
12.0
V
UVLOHYS Under Voltage Lockout
Threshold Hysteresis
1.5
V


Similar Part No. - FOD3120SV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD3120SV ONSEMI-FOD3120SV Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
More results

Similar Description - FOD3120SV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3150 FAIRCHILD-FOD3150 Datasheet
714Kb / 19P
   High Noise Immunity, 1.0A Output Current, Gate Drive Optocoupler
logo
ON Semiconductor
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150 ONSEMI-FOD3150_V01 Datasheet
504Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
logo
COSMO Electronics Corp...
KP1510S COSMO-KP1510S Datasheet
186Kb / 9P
   High Noise Immunity, 2.5A Output Current
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Fairchild Semiconductor
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com