Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3102 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C3102
Description  TYPE CL2P / CMP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C3102 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C3102 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C3102
Date:
7/7/2007
Revision Level:
0
2C 18 7/26 BC FLEX PVDF
TYPE CL2P / CMP
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#18 AWG 7/26 Bare Copper
0.008" Wall FLEXGUARD*
0.010"Wall PVDF – Natural
0.046” nom.
CAROL (R) 18 AWG -- C3102 -- 60C E60233-8 CL2P OR CMP(UL) C(UL) -- MADE IN USA
DATE CODE
(PRINT EVERY 2 FT)
2 Conductors @ 4.00" LHL.
0.103" nom.
-Plenum ripcord under jacket.
0.062" nom.
0.123" +/- 0.006"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
60C
150 Vrms (CL2P); 300 Vrms (CMP)
5.6 Ohms/1000 ft. nom. @ 20C
National Electrical Code
Article 725
UL Standard 13
Type CL2P
National Electrical Code
Article 800
UL Standard 444
Type CMP
1
2
Black
White
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.
*FLEXGUARD is a trademark of General Cable Corporation for polymer alloy insulation and jackets.


Similar Part No. - C3102

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
C31020.0M CONNOR-WINFIELD-C31020.0M Datasheet
90Kb / 2P
   Ultra-Miniature Precision TCXO / VCTCXO
More results

Similar Description - C3102

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3103 GENERAL-C3103 Datasheet
74Kb / 1P
   TYPE CL2P / CMP
C3191 GENERAL-C3191 Datasheet
74Kb / 1P
   8C 18 7/26 BC FLEX PVDF TYPE CL2P / CMP
C3193 GENERAL-C3193 Datasheet
73Kb / 1P
   2C 16 19/.0117 BC FLEX PVDF TYPE CL2P / CMP
C3135 GENERAL-C3135 Datasheet
73Kb / 1P
   2C 12 19/.0185 BC FLEX PVDF TYPE CL2P / CMP
C3190 GENERAL-C3190 Datasheet
73Kb / 1P
   3C 18 7/26 BC FLEX PVDF TYPE CL2P / CMP
C3192 GENERAL-C3192 Datasheet
74Kb / 1P
   6C 18 7/26 BC FLEX PVDF TYPE CL2P / CMP
C3134 GENERAL-C3134 Datasheet
74Kb / 1P
   5C 18 7/26 BC FLEX PVDF TYPE CL2P / CMP
C3178 GENERAL-C3178 Datasheet
74Kb / 1P
   10C 18 7/26 BC FLEX PVDF TYPE CL2P / CMP
C3195 GENERAL-C3195 Datasheet
74Kb / 1P
   4C 16 7/.0192 BC FLEX PVDF TYPE CL2P / CMP
C3179 GENERAL-C3179 Datasheet
74Kb / 1P
   12C 18 7/26 BC FLEX PVDF TYPE CL2P / CMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com