Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

10BQ040M Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. 10BQ040M
Description  Schottky Rectifiler, 1.0 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

10BQ040M Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VS-10BQ040-M3
www.vishay.com
Vishay Semiconductors
Revision: 29-May-12
5
Document Number: 93335
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
PREFERRED PACKAGE CODE
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-10BQ040-M3/5BT
5BT
3200
13" diameter plastic tape and reel
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95401
Part marking information
www.vishay.com/doc?95403
Packaging information
www.vishay.com/doc?95404
2
-
Current rating
3
-
B = SMB
4
-
Q = Schottky “Q” series
5
-
Voltage rating (040 = 40 V)
1
-
Vishay Semiconductors product
Device code
5
1
3
2
4
6
VS-
10
B
Q
040
-M3
-
Environmental digit:
-M3 = Halogen-free, RoHS compliant and terminations lead (Pb)-free
6


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn