Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMI2180MTTBG Datasheet(PDF) 7 Page - ON Semiconductor

Part # EMI2180MTTBG
Description  Single Integrated Package for Common Mode Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI2180MTTBG Datasheet(HTML) 7 Page - ON Semiconductor

  EMI2180MTTBG Datasheet HTML 1Page - ON Semiconductor EMI2180MTTBG Datasheet HTML 2Page - ON Semiconductor EMI2180MTTBG Datasheet HTML 3Page - ON Semiconductor EMI2180MTTBG Datasheet HTML 4Page - ON Semiconductor EMI2180MTTBG Datasheet HTML 5Page - ON Semiconductor EMI2180MTTBG Datasheet HTML 6Page - ON Semiconductor EMI2180MTTBG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EMI2180
http://onsemi.com
7
PACKAGE DIMENSIONS
WDFN6 1.6x2.0, 0.5P
CASE 511BV
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.20 mm FROM THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
B
E
D
D2
E2
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
K
NOTE 3
2X
0.10 C
PIN ONE
REFERENCE
TOP VIEW
2X
0.10 C
NOTE 4
A
A1
(A3)
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
L
6X
13
4
6
DIM MIN
MAX
MILLIMETERS
A
0.60
0.80
A1
0.00
0.05
A3
0.20 REF
b
0.20
0.40
D
1.60 BSC
D2
1.10
1.30
E
2.00 BSC
E2
0.95
1.15
e
0.50 BSC
K
0.20
−−−
L
0.15
0.35
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
MOUNTING FOOTPRINT
A1
A3
DETAIL B
MOLD CMPD
EXPOSED Cu
OPTIONAL
CONSTRUCTION
DETAIL B
DETAIL A
1.30
1.15
0.50
0.43
6X
2.30
DIMENSIONS: MILLIMETERS
0.36
1
6X
L1
−−−
0.10
L1
DETAIL A
L
OPTIONAL
CONSTRUCTIONS
L
PITCH
RECOMMENDED
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
EMI2180/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - EMI2180MTTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI2180MTTBG ONSEMI-EMI2180MTTBG Datasheet
219Kb / 7P
   Common Mode Filter with ESD Protection
April, 2014 ??Rev. 2
More results

Similar Description - EMI2180MTTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI2121 ONSEMI-EMI2121_13 Datasheet
258Kb / 9P
   Single Pair Common Mode Filter
April, 2013 ??Rev. 2
logo
NXP Semiconductors
IP3319CX6 PHILIPS-IP3319CX6_15 Datasheet
363Kb / 15P
   Single-channel common-mode filter with integrated ESD protection network
Rev. 2-29 May 2013
logo
Nexperia B.V. All right...
IP3319CX6 NEXPERIA-IP3319CX6 Datasheet
928Kb / 15P
   Single-channel common-mode filter with integrated ESD protection network
Rev. 2 - 29 May 2013
logo
NXP Semiconductors
PCMF1HDMI2SZ NXP-PCMF1HDMI2SZ Datasheet
1Mb / 20P
   Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-19 April 2016
logo
Nexperia B.V. All right...
PCMF2DFN1 NEXPERIA-PCMF2DFN1 Datasheet
1Mb / 15P
   Common-mode EMI filter for differential channels with integrated ESD protection
PCMFXUSB3S_SER NEXPERIA-PCMFXUSB3S_SER Datasheet
9Mb / 22P
   Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 3 - 7 March 2019
PCMFXUSB30_SER NEXPERIA-PCMFXUSB30_SER Datasheet
2Mb / 23P
   Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 1 - 01 April 2016
logo
NXP Semiconductors
PCMF1USB3SZ NXP-PCMF1USB3SZ Datasheet
1Mb / 23P
   Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-7 March 2016
PCMF3USB3SZ NXP-PCMF3USB3SZ Datasheet
1Mb / 23P
   Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-7 March 2016
logo
Nexperia B.V. All right...
PCMFXHDMI2S_SER NEXPERIA-PCMFXHDMI2S_SER Datasheet
2Mb / 20P
   Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2 - 19 April 2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com