Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100391 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 100391
Description  Low Power Single Supply Hex TTL-to-PECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100391 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  100391 Datasheet HTML 1Page - Fairchild Semiconductor 100391 Datasheet HTML 2Page - Fairchild Semiconductor 100391 Datasheet HTML 3Page - Fairchild Semiconductor 100391 Datasheet HTML 4Page - Fairchild Semiconductor 100391 Datasheet HTML 5Page - Fairchild Semiconductor 100391 Datasheet HTML 6Page - Fairchild Semiconductor 100391 Datasheet HTML 7Page - Fairchild Semiconductor 100391 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Switching Waveforms
FIGURE 1. Propagation Delay, Cut-Off and Transition Times
Test Circuit
FIGURE 2. AC Test Circuit
Notes:
VCC = VCCA = +2V, GNDPECL = GNGTTL = 30.V
VIH = 0V, VIL = −3V
L1, L2 and L3
= equal length 50Ω impedance lines
RT = 50Ω terminator internal to scope
Decoupling 0.1
µF from GND to V
CC, VEE and VTTL
All unused outputs are loaded with 50
Ω to GND
CL = Fixture and stray capacitance ≤ 3 pF


Similar Part No. - 100391

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390PC FAIRCHILD-100390PC Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390QC FAIRCHILD-100390QC Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390QI FAIRCHILD-100390QI Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390SC FAIRCHILD-100390SC Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
More results

Similar Description - 100391

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S391 MICREL-SY100S391 Datasheet
110Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
SY100S391 MICREL-SY100S391_07 Datasheet
75Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
logo
ON Semiconductor
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
   Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10H350 ONSEMI-MC10H350 Datasheet
106Kb / 4P
   PECL* to TTL Translator(5 Vdc Power Supply Only)
1996 REV 6
MC10H350 ONSEMI-MC10H350_06 Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com