Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100391 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 100391
Description  Low Power Single Supply Hex TTL-to-PECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100391 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  100391 Datasheet HTML 1Page - Fairchild Semiconductor 100391 Datasheet HTML 2Page - Fairchild Semiconductor 100391 Datasheet HTML 3Page - Fairchild Semiconductor 100391 Datasheet HTML 4Page - Fairchild Semiconductor 100391 Datasheet HTML 5Page - Fairchild Semiconductor 100391 Datasheet HTML 6Page - Fairchild Semiconductor 100391 Datasheet HTML 7Page - Fairchild Semiconductor 100391 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
Industrial Version
PLCC DC Electrical Characteristics (Note 6)
VCC = +5.0V ± 10%, GND = 0V
Note 6: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under “worst case” conditions.
PLCC AC Electrical Characteristics
VCC = +5.0V ± 10%, GND = 0V
Symbol
Parameter
TC = −40°CTC = 0°C to +85°C
Units
Conditions
MinMax
MinMax
VOH
Output HIGH Voltage
VCC− 1085 VCC − 870 VCC − 1025 VCC − 870
mV
VIN = VIH(max) or VIL (min)
VOL
Output LOW Voltage
VCC − 1830 VCC − 1575 VCC − 1830 VCC − 1620
mV
Loading with 50
Ω to V
CC − 2V
VOHC
Output HIGH Voltage
VCC − 1095
VCC − 1035
mV
VIN = VIH(min) or VIL(max)
Loading with 50
Ω to V
CC − 2V
VOLC
Output LOW Voltage
VCC − 1565
VCC − 1610
mV
VIH
Input HIGH Voltage
2.0
5.0
2.0
5.0
V
VIL
Input LOW Voltage
0
0.8
0
0.8
V
VIH
Input HIGH Current
10
10
µAV
IN = +2.7V
Breakdown Test
20
20
µAV
IN = +5.5V
IIL
Input LOW Current
mV
VIN = +0.5V
Dn
−0.8
−0.8
E
−4.2
−4.2
VFCD
Input Clamp
−1.2
−1.2
V
IIN = −18 mA
Diode Voltage
ICC
VCC Supply Current
29
69
29
69
mA
Inputs OPEN
Symbol
Parameter
TC = −40°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
0.20
1.50
0.35
1.30
0.40
1.30
ns
Figures 1, 2
tPHL
Data to Output
tPLH
Propagation Delay
0.35
1.60
0.45
1.40
0.50
1.40
ns
tPHL
Enable to Output
tTLH
Transition Time
0.35
1.70
0.35
1.70
0.35
1.70
ns
tTHL
20% to 80%, 80% to 20%


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn