Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD8447L Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDD8447L
Description  Fast Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8447L Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD8447L Datasheet HTML 1Page - Fairchild Semiconductor FDD8447L Datasheet HTML 2Page - Fairchild Semiconductor FDD8447L Datasheet HTML 3Page - Fairchild Semiconductor FDD8447L Datasheet HTML 4Page - Fairchild Semiconductor FDD8447L Datasheet HTML 5Page - Fairchild Semiconductor FDD8447L Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDD8447L Rev.C
3
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
40
V
∆BVDSS
TJ
Breakdown Voltage Temperature
Coefficient
ID = 250µA, referenced to 25°C
35
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 32V, VGS = 0V
1
µA
IGSS
Gate to Source Leakage Current
VGS = ±20V, VGS = 0V
±100
nA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA
1.0
1.9
3.0
V
∆VGS(th)
TJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250µA, referenced to 25°C
-5
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 14A
7.0
8.5
m
VGS = 4.5V, ID = 11A
8.5
11.0
VGS = 10V, ID = 14A, TJ=125°C
10.4
14.0
gFS
Forward Transconductance
VDS = 5V, ID = 14A
58
S
(Note 2)
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 20V, VGS = 0V,
f = 1MHz
1970
pF
Coss
Output Capacitance
250
pF
Crss
Reverse Transfer Capacitance
150
pF
Rg
Gate Resistance
f = 1MHz
1.27
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 20V, ID = 1A
VGS = 10V, RGEN = 6Ω
12
21
ns
tr
Rise Time
12
21
ns
td(off)
Turn-Off Delay Time
38
61
ns
tf
Fall Time
9
18
ns
Qg(TOT)
Total Gate Charge, VGS = 10V
VDD = 20V, ID = 14A
VGS = 10V
37
52
nC
Qg(TOT)
Total Gate Charge, VGS = 5V
20
28
nC
Qgs
Gate to Source Gate Charge
6
nC
Qgd
Gate to Drain “Miller” Charge
7
nC
Drain-Source Diode Characteristics
Notes:
1: RθJA is the sum of the junction-to-case and case-to- ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins.
RθJC is guaranteed by design while RθJA is determined by the user’s board design.
2: Pulse Test: Pulse Width < 300
µs, Duty cycle < 2.0%.
3:
Starting TJ = 25oC, L = 1mH, IAS = 17.5A, VDD = 40V, VGS = 10V.
4
a. 40°C/W when mounted on a 1 in2 pad of 2 oz copper
b. 96°C/W when mounted on a minimum pad.
----------------
IS
Maximum Continuous Drain-Source Diode Forward Current
(Note 1a)
2.6
A
VSD
Source to Drain Diode Forward Voltage
VGS = 0V, IS = 14A
(Note 2)
0.8
1.2
V
trr
Reverse Recovery Time
IF = 14A, di/dt = 100A/µs
22
ns
Qrr
Reverse Recovery Charge
11
nC


Similar Part No. - FDD8447L

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
FDD8447L TECHPUBLIC-FDD8447L Datasheet
2Mb / 5P
   40V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDD8447L ISC-FDD8447L Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD8447L-F085 FAIRCHILD-FDD8447L-F085 Datasheet
440Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 11.0m廓
logo
ON Semiconductor
FDD8447L-F085 ONSEMI-FDD8447L-F085 Datasheet
531Kb / 8P
   N-Channel PowerTrench짰 MOSFET
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L_08 Datasheet
518Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.5m廓
More results

Similar Description - FDD8447L

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
   Fast Switching
logo
Inchange Semiconductor ...
20N15 ISC-20N15 Datasheet
49Kb / 2P
   Fast Switching
20N45 ISC-20N45 Datasheet
60Kb / 2P
   Fast Switching
22N10 ISC-22N10 Datasheet
66Kb / 2P
   Fast Switching
24N50 ISC-24N50 Datasheet
49Kb / 2P
   Fast Switching
25N60 ISC-25N60 Datasheet
65Kb / 2P
   Fast Switching
30N12 ISC-30N12 Datasheet
49Kb / 2P
   Fast Switching
40N10 ISC-40N10 Datasheet
68Kb / 2P
   Fast Switching
2N60 ISC-2N60 Datasheet
157Kb / 2P
   Fast Switching
3N45 ISC-3N45 Datasheet
49Kb / 2P
   Fast Switching
3N90 ISC-3N90 Datasheet
68Kb / 2P
   Fast Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com