Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100390 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 100390
Description  Low Power Single Supply Hex PECL-to-TTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100390 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  100390 Datasheet HTML 1Page - Fairchild Semiconductor 100390 Datasheet HTML 2Page - Fairchild Semiconductor 100390 Datasheet HTML 3Page - Fairchild Semiconductor 100390 Datasheet HTML 4Page - Fairchild Semiconductor 100390 Datasheet HTML 5Page - Fairchild Semiconductor 100390 Datasheet HTML 6Page - Fairchild Semiconductor 100390 Datasheet HTML 7Page - Fairchild Semiconductor 100390 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 Fairchild Semiconductor Corporation
DS010897
www.fairchildsemi.com
September 1990
Revised August 2000
100390
Low Power Single Supply Hex PECL-to-TTL Translator
General Description
The 100390 is a hex translator for converting F100K logic
levels to TTL logic levels. Unlike other level translators, the
100390 operates using only one
+5V supply. Differential
inputs allow each circuit to be used as an inverting, nonin-
verting, or differential receiver. An internal reference gener-
ator provides VBB for single-ended operation. The standard
FAST
 3-STATE outputs are enabled by a common active
low TTL compatible OE input. Partitioned VCCs on chip are
brought out on separate power pins, allowing the noisy TTL
VCC power plane to be isolated from the relatively quiet
ECL VCC. The 100390 is ideal for applications limited to a
single
+5V supply, allowing for easy ECL to TTL Interfac-
ing.
Features
s Operates from a single
+5V supply
s 3-STATE outputs
s 2000V ESD protection
s VBB supplied for single-ended operation
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
24-Pin DIP/SOIC
28-Pin PLCC
FAST
 is a registered trademark of Fairchild Semiconductor.
Order Number
Package Number
Package Description
100390SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
100390PC
N24E
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide
100390QC
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square
100390QI
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square
Industrial Temperature Range (
−40°C to +85°C)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn