Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100390 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 100390
Description  Low Power Single Supply Hex PECL-to-TTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100390 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  100390 Datasheet HTML 1Page - Fairchild Semiconductor 100390 Datasheet HTML 2Page - Fairchild Semiconductor 100390 Datasheet HTML 3Page - Fairchild Semiconductor 100390 Datasheet HTML 4Page - Fairchild Semiconductor 100390 Datasheet HTML 5Page - Fairchild Semiconductor 100390 Datasheet HTML 6Page - Fairchild Semiconductor 100390 Datasheet HTML 7Page - Fairchild Semiconductor 100390 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
Switching Waveforms
FIGURE 1. Data to Output Propagation Delay
FIGURE 2. Enable/Disable Propagation Delay
Test Circuit
Notes:
GND
= 0V, ECL V
CC = +5V, TTL VCC = +5V
L1 and L2
= equal length 50Ω impedance lines
50
Ω terminators are internal to S/H measurement unit
Decoupling 0.1
µF from GND to ECL V
CC and TTL VCC
All unused outputs are loaded with 500
Ω to GND
CL = Fixture and stray capacitance = 50 pF
Switch S1 is open for tPLH, tPHL, tPHZ and tPZH tests
Switch S1 is closed only for tPLZ and tPZL tests
FIGURE 3. AC Test Circuit


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn