Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100390 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 100390
Description  Low Power Single Supply Hex PECL-to-TTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100390 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  100390 Datasheet HTML 1Page - Fairchild Semiconductor 100390 Datasheet HTML 2Page - Fairchild Semiconductor 100390 Datasheet HTML 3Page - Fairchild Semiconductor 100390 Datasheet HTML 4Page - Fairchild Semiconductor 100390 Datasheet HTML 5Page - Fairchild Semiconductor 100390 Datasheet HTML 6Page - Fairchild Semiconductor 100390 Datasheet HTML 7Page - Fairchild Semiconductor 100390 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
ECL VCC = +5.0V ±5%, TTL VCC = +5.0V ±5%, GND = 0V
Storage Temperature
−65°C to +150°C
Maximum Junction Temperature
+150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
TTL Input Voltage (Note 2)
−0.5V to +7.0V
TTL Input Current (Note 2)
−30 mA to +5.0 mA
VBB Output Current
−5.0 mA to +1.0 mA
ECL Input Potential
GND to ECL VCC + 0.5V
VCC Differential
ECL VCC to TTL VCC
−1.0V to +1.0V
Voltage Applied to Output
in High State (with VCC = 0V)
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in Low State (Max)
Twice the Rated IOL (mA)
ESD Last Passing Voltage (Min)
2000V
Case Temperature
0
°C to +85°C
Supply Voltage
+4.75V to +5.25V
Symbol
Parameter
Min
Max
Units
Conditions
VIH
Input HIGH Voltage
Data
ECL VCC − 1.165 ECL VCC − 0.870
V
Guaranteed HIGH Signal for ALL
Inputs (with One Input Tied to VBB)
OE
2.0
V
Guaranteed HIGH Signal (TTL)
VIL
Input LOW Voltage
Data
ECL VCC − 1.830 ECL VCC − 1.475
V
Guaranteed LOW Signal for ALL
Inputs (with One Input Tied to VBB)
OE
0.8
V
Guaranteed LOW Signal (TTL)
VBB
Output Reference Voltage
ECL VCC − 1.38
ECL VCC − 1.26
V
IBB = 0.0 mA or −1.0 mA
VOH
Output HIGH Voltage (TTL)
2.7
V
IOH = −3 mA
VOL
Output LOW Voltage (TTL)
0.5
V
IOL = 24 mA
IIH
Input HIGH Current
Data
50
µA
VIN = VIH(Max), D0–D5 = VBB,
D0–D5 = VIL(Min)
OE
20
µAV
IN = 2.7V (TTL)
IIL
Input LOW Current
OE
−200
µAV
IN = 0.5V (TTL)
IBVI
Input Breakdown Current
OE
10
µAV
IN = 7.0V (TTL)
ICBO
Input Leakage Current
−10
µAV
IN = GND, D0–D5 = VBB
D0–D5 = VIL(Min)
IOZH
3-STATE Current Output HIGH
50
µAV
OUT = +2.7V
IOZL
3-STATE Current Output LOW
−50
µAV
OUT = +0.5V
ICC
ECL Supply Current
13
30
mA
ICCZ
TTL Supply Current
10
20
mA
3-STATE
ICCL
TTL Supply Current
8
17
mA
Low State
ICCH
TTL Supply Current HIGH
0.4
2.0
mA
HIGH State
IOS
Output Short-Circuit Current
−150
−60
mA
VOUT = 0.0V, VCC = +5.25
VDiff
Differential Input Voltage
150
mV
Required for Full Output Swing
VCM
Common Mode Voltage
ECL VCC − 2.0
ECL VCC − 0.5
V
VCD
Clamp Diode Voltage
−1.2
V
IIN = −18 mA


Similar Part No. - 100390

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100391 FAIRCHILD-100391 Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
100391PC FAIRCHILD-100391PC Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
100391QC FAIRCHILD-100391QC Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
100391QI FAIRCHILD-100391QI Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
100391SC FAIRCHILD-100391SC Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
More results

Similar Description - 100390

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100391 FAIRCHILD-100391 Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
logo
Micrel Semiconductor
SY100S391 MICREL-SY100S391 Datasheet
110Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
SY100S391 MICREL-SY100S391_07 Datasheet
75Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
logo
ON Semiconductor
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
   Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10H350 ONSEMI-MC10H350 Datasheet
106Kb / 4P
   PECL* to TTL Translator(5 Vdc Power Supply Only)
1996 REV 6
MC10H350 ONSEMI-MC10H350_06 Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com