Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C67076-A2513-A67 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # C67076-A2513-A67
Description  Power module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C67076-A2513-A67 Datasheet(HTML) 5 Page - Infineon Technologies AG

  C67076-A2513-A67 Datasheet HTML 1Page - Infineon Technologies AG C67076-A2513-A67 Datasheet HTML 2Page - Infineon Technologies AG C67076-A2513-A67 Datasheet HTML 3Page - Infineon Technologies AG C67076-A2513-A67 Datasheet HTML 4Page - Infineon Technologies AG C67076-A2513-A67 Datasheet HTML 5Page - Infineon Technologies AG C67076-A2513-A67 Datasheet HTML 6Page - Infineon Technologies AG C67076-A2513-A67 Datasheet HTML 7Page - Infineon Technologies AG C67076-A2513-A67 Datasheet HTML 8Page - Infineon Technologies AG C67076-A2513-A67 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
2006-01-31
BSM 10 GD 120 DN2
Typ. output characteristics
IC = f (VCE)
parameter: tp = 80 µs, Tj = 25 °C
0
1
2
3
V
5
V
CE
0
2
4
6
8
10
12
14
16
A
20
I
C
17V
15V
13V
11V
9V
7V
Typ. output characteristics
IC = f (VCE)
parameter: tp = 80 µs, Tj = 125 °C
0
1
2
3
V
5
V
CE
0
2
4
6
8
10
12
14
16
A
20
I
C
17V
15V
13V
11V
9V
7V
Typ. transfer characteristics
IC = f (VGE)
parameter: tp = 80 µs, VCE = 20 V
0
2
4
6
8
10
V
14
V
GE
0
2
4
6
8
10
12
14
16
A
20
I
C


Similar Part No. - C67076-A2513-A67

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67076-A2510-A67 SIEMENS-C67076-A2510-A67 Datasheet
123Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
C67076-A2514-A67 SIEMENS-C67076-A2514-A67 Datasheet
126Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
C67076-A2515-A67 SIEMENS-C67076-A2515-A67 Datasheet
123Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
More results

Similar Description - C67076-A2513-A67

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SLN10A-5SA BOURNS-SLN10A-5SA Datasheet
246Kb / 2P
   Power Module
logo
Toshiba Semiconductor
MP7003 TOSHIBA-MP7003 Datasheet
157Kb / 7P
   Power Module
logo
Bi technologies
7721-1A BITECH-7721-1A Datasheet
93Kb / 5P
   Power Module
logo
Insel Rectifier India P...
IRKT500 IRI-IRKT500 Datasheet
1Mb / 5P
   POWER MODULE
IRKT330 IRI-IRKT330 Datasheet
1Mb / 5P
   POWER MODULE
IRKT130 IRI-IRKT130 Datasheet
1Mb / 5P
   POWER MODULE
IRKD40 IRI-IRKD40 Datasheet
2Mb / 4P
   POWER MODULE
logo
Solid States Devices, I...
PM0017 SSDI-PM0017_15 Datasheet
51Kb / 2P
   POWER MODULE
logo
Bourns Electronic Solut...
M20W BOURNS-M20W Datasheet
183Kb / 2P
   Power Module
logo
Insel Rectifier India P...
IRKD500 IRI-IRKD500 Datasheet
782Kb / 4P
   POWER MODULE
IRKD70 IRI-IRKD70 Datasheet
964Kb / 4P
   POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com