Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32F103VET6 Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32F103VET6
Description  High-density performance line
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VET6 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32F103VET6 Datasheet HTML 84Page - STMicroelectronics STM32F103VET6 Datasheet HTML 85Page - STMicroelectronics STM32F103VET6 Datasheet HTML 86Page - STMicroelectronics STM32F103VET6 Datasheet HTML 87Page - STMicroelectronics STM32F103VET6 Datasheet HTML 88Page - STMicroelectronics STM32F103VET6 Datasheet HTML 89Page - STMicroelectronics STM32F103VET6 Datasheet HTML 90Page - STMicroelectronics STM32F103VET6 Datasheet HTML 91Page - STMicroelectronics STM32F103VET6 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 130 page
background image
Electrical characteristics
STM32F103xC, STM32F103xD, STM32F103xE
88/130
Doc ID 14611 Rev 8
Figure 44.
5 V tolerant I/O input characteristics - CMOS port
Figure 45.
5 V tolerant I/O input characteristics - TTL port
Output driving current
The GPIOs (general purpose input/outputs) can sink or source up to +/-8 mA, and sink or
source up to +/- 20 mA (with a relaxed VOL/VOH).
In the user application, the number of I/O pins which can drive current must be limited to
respect the absolute maximum rating specified in Section 5.2:
The sum of the currents sourced by all the I/Os on VDD, plus the maximum Run
consumption of the MCU sourced on VDD, cannot exceed the absolute maximum rating
IVDD (see Table 8).
The sum of the currents sunk by all the I/Os on VSS plus the maximum Run
consumption of the MCU sunk on VSS cannot exceed the absolute maximum rating
IVSS (see Table 8).


Similar Part No. - STM32F103VET6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103VET6TR STMICROELECTRONICS-STM32F103VET6TR Datasheet
1Mb / 123P
   High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
STM32F103VET6TR STMICROELECTRONICS-STM32F103VET6TR Datasheet
3Mb / 143P
   High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
July 2018
STM32F103VET6XXX STMICROELECTRONICS-STM32F103VET6XXX Datasheet
1Mb / 123P
   High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
STM32F103VET6XXX STMICROELECTRONICS-STM32F103VET6XXX Datasheet
3Mb / 143P
   High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
July 2018
More results

Similar Description - STM32F103VET6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU
logo
Samtec, Inc
NVAM SAMTEC-NVAM Datasheet
579Kb / 2P
   EXTREME PERFORMANCE HIGH-DENSITY ARRAYS
Rev. 09MAR22
logo
ATMEL Corporation
ATF1508ASV ATMEL-ATF1508ASV_14 Datasheet
600Kb / 28P
   High-density, High-performance, Electrically-erasable
ATF1508ASVL ATMEL-ATF1508ASVL_14 Datasheet
600Kb / 28P
   High-density, High-performance, Electrically-erasable
logo
STMicroelectronics
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
CD00161566 STMICROELECTRONICS-CD00161566 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
August 2013
STM32F103VFT6TR STMICROELECTRONICS-STM32F103VFT6TR Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F103VFT6 STMICROELECTRONICS-STM32F103VFT6 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
logo
ATMEL Corporation
ATF1500ABV ATMEL-ATF1500ABV_14 Datasheet
466Kb / 18P
   High-density, High-performance Electrically-erasable Complex
ATF1500AL ATMEL-ATF1500AL_14 Datasheet
610Kb / 19P
   High-density, High-performance Electrically-erasable Complex
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com