Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE7313-50 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part No. PE7313-50
Description  50 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE7313-50 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz
Configuration
Design
Fixed, Directional Attenuator
Connector 1
7/16 DIN Female
Connector 2
7/16 DIN Female
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 7.5
Impedance, Ohms
50
Attenuation Value, dB
50
Maximum Input Power, Watts
50
Maximum VSWR
1.45:1
Frequency 1
Range, GHz
DC to 6
VSWR
1.3:1
Attenuation Accuracy, dB
1.25
Frequency 2
Range, GHz
6 to 7.5
VSWR
1.45:1
Attenuation Accuracy, dB
2
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
4.01 [101.85]
Width, in [mm]
3 [76.2]
Height, in [mm]
3 [76.2]
.
Weight, lbs [g]
1.796 [814.65]
Connector 1
Type
7/16 DIN Female
Contact Material and Plating
Brass, Silver
Hex Size, In.
11/16
Body Material and Plating
Brass, Silver
50 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN
Female Directional Rated To 50 Watts Up To 7.5 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Rated To 50 Watts
Up To 7.5 GHz PE7313-50
PE7313-50
PE7313-50 REV NC


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn