Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100350 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 100350
Description  Low Power Hex D-Type Latch
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100350 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  100350 Datasheet HTML 1Page - Fairchild Semiconductor 100350 Datasheet HTML 2Page - Fairchild Semiconductor 100350 Datasheet HTML 3Page - Fairchild Semiconductor 100350 Datasheet HTML 4Page - Fairchild Semiconductor 100350 Datasheet HTML 5Page - Fairchild Semiconductor 100350 Datasheet HTML 6Page - Fairchild Semiconductor 100350 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Above which the useful life may be impaired.
Recommended Operating
Conditions
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 3: ESD testing conforms to MIL-STD-883, Method 3015.
DC Electrical Characteristics (Note 4)
VEE = −4.5V to −5.7V, VCC = VCCA = GND, TC = 0°C to +85°C
Note 4: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guard banding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under “worst case” conditions.
DIP AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND
Storage Temperature (TSTG)
−65°C to +150°C
Maximum Junction Temperature (TJ)
+150°C
VEE Pin Potential to Ground Pin
−7.0V to +0.5V
Input Voltage (DC)
VEE to +0.5V
Output Current (DC Output HIGH)
−50 mA
ESD (Note 3)
≥2000V
Case Temperature (TC)0°C to +85°C
Supply Voltage (VEE)
−5.7V to −4.2V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOH
Output HIGH Voltage
−1025
−955
−870
mV
VIN =VIH (Max)
Loading with
VOL
Output LOW Voltage
−1830
−1705
−1620
or VIL (Min)
50
Ω to −2.0V
VOHC
Output HIGH Voltage
−1035
mV
VIN = VIH (Min)
Loading with
VOLC
Output LOW Voltage
−1610
or VIL (Max)
50
Ω to −2.0V
VIH
Input HIGH Voltage
−1165
−870
mV
Guaranteed HIGH Signal for All Inputs
VIL
Input LOW Voltage
−1830
−1475
mV
Guaranteed LOW Signal for All Inputs
IIL
Input LOW Current
0.50
µAV
IN = VIL (Min)
IIH
Input HIGH Current
MR
240
Dn
240
µAV
IN = VIH (Max)
Ea, Eb
240
IEE
Power Supply
Inputs Open
Current
−89
−44
mA
VEE = −4.2V to −4.8V
−93
−44
VEE = −4.2V to −5.7V
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
Figures 1, 2
tPHL
Dn to Output
0.50
1.40
0.50
1.40
0.50
1.50
ns
(Transparent Mode)
tPLH
Propagation Delay
0.75
1.85
0.75
1.85
0.75
2.05
ns
tPHL
Ea, Eb to Output
tPLH
Propagation Delay
0.90
2.10
0.90
2.10
0.90
2.10
ns
Figures 1, 3
tPHL
MR to Output
tTLH
Transition Time
0.35
1.30
0.35
1.30
0.35
1.30
ns
Figures 1, 2
tTHL
20% to 80%, 80% to 20%
tS
Setup Time
Figures 3, 4
D0–D5
1.00
1.00
1.00
ns
MR (Release Time)
1.60
1.60
1.60
tH
Hold Time, D0–D5
0.40
0.40
0.40
ns
Figure 4
tPW(L)
Pulse Width LOW
2.00
2.00
2.00
ns
Figure 2
Ea, Eb
tPW(H)
Pulse Width HIGH, MR
2.00
2.00
2.00
ns
Figure 3


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn