Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100325 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 100325
Description  Low Power Hex ECL-to-TTL Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100325 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  100325 Datasheet HTML 1Page - Fairchild Semiconductor 100325 Datasheet HTML 2Page - Fairchild Semiconductor 100325 Datasheet HTML 3Page - Fairchild Semiconductor 100325 Datasheet HTML 4Page - Fairchild Semiconductor 100325 Datasheet HTML 5Page - Fairchild Semiconductor 100325 Datasheet HTML 6Page - Fairchild Semiconductor 100325 Datasheet HTML 7Page - Fairchild Semiconductor 100325 Datasheet HTML 8Page - Fairchild Semiconductor 100325 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
Industrial Version
PLCC DC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = GND, TC = −40°C to +85°C (Note 6)
Note 6: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under “worst case” conditions.
Note 7: Test one output at a time.
PLCC AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = GND, VTTL = +4.5V to +5.5V
Switching Waveform
FIGURE 1. Propagation Delay
Symbol
Parameter
TC = −40°CTC = 0°C to +85°C
Units
Conditions
Min
Max
Min
Max
VBB
Output Reference Voltage
−1395
−1255
−1380
−1260
mV
IVBB = −2.1 mA
VIH
Single-Ended Input
−1170
−870
−1165
−870
mV
Guaranteed HIGH Signal for All Inputs
HIGH Voltage
(with One Input Tied to VBB)
VIL
Single-Ended Input
−1830
−1480
−1830
−1475
mV
Guaranteed LOW Signal for All Inputs
LOW Voltage
(with One Input Tied to VBB)
VOH
Output HIGH Voltage
2.5
2.5
V
IOH = −2.0 mA
VIN = VIH (Max)
VOL
Output LOW Voltage
0.5
0.5
V
IOL = 20 mA
or VIL (Min)
VDIFF
Input Voltage Differential
150
150
mV
Required for Full Output Swing
VCM
Common Mode Voltage
VCC − 2.0 VCC − 0.5 VCC − 2.0 VCC − 0.5
V
IIH
Input HIGH Current
450
350
µAV
IN = VIH (Max), D0–D5 = VBB,
D0–D5 = VIL (Min)
IIL
Input LOW Current
0.5
0.5
µAV
IN = VIL (Min), D0–D5 = VBB
IOS
Output Short-Circuit Current
−150
−60
−150
−60
mA
VOUT = GND (Note 7)
IEE
VEE Power Supply Current
−37
−15
−37
−17
mA
D0–D5 = VBB
ITTL
VTTL Power Supply Current
65
65
mA
D0–D5 = VBB
Symbol
Parameter
TC = −40°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
0.80
3.30
0.90
3.50
1.00
3.80
ns
CL = 15 pF
tPHL
Data to Output
Figures 1, 2
tPLH
Propagation Delay
1.60
4.10
1.70
4.30
1.80
4.60
ns
CL = 50 pF
tPHL
Data to Output
Figures 1, 3


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
100325 Low Power Hex ECL-to-TTL Translator 1  2  3  4  5  More National Semiconductor (TI)
F100325 Low Power Hex ECL-to-TTL Translator 1  2  3  4  5  More National Semiconductor (TI)
F100324 LOW POWER HEX TTL-TO-ECL TRANSLATOR 1  2  3  4  5  National Semiconductor (TI)
100393 Low Power 9-Bit ECL-to-TTL Translator with Latches 1  2  3  4  5  More Fairchild Semiconductor
100324 Low Power Hex TTL-to-ECL Translator 1  2  3  4  5  More National Semiconductor (TI)
100324 Low Power Hex TTL-to-ECL Translator 1  2  3  4  5  More Fairchild Semiconductor
100395 Low Power 9-Bit ECL-to-TTL Translator with Registers 1  2  3  4  5  Fairchild Semiconductor
100390 Low Power Single Supply Hex PECL-to-TTL Translator 1  2  3  4  5  More Fairchild Semiconductor
100391 Low Power Single Supply Hex TTL-to-PECL Translator 1  2  3  4  5  More Fairchild Semiconductor
SY100S324 LOW POWER HEX TTL-to-ECL TRANSLATOR 1  2  3  4  5  Micrel Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn