Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2587P38 Datasheet(PDF) 1 Page - Agere Systems

Part # D2587P38
Description  Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2587P38 Datasheet(HTML) 1 Page - Agere Systems

  D2587P38 Datasheet HTML 1Page - Agere Systems D2587P38 Datasheet HTML 2Page - Agere Systems D2587P38 Datasheet HTML 3Page - Agere Systems D2587P38 Datasheet HTML 4Page - Agere Systems D2587P38 Datasheet HTML 5Page - Agere Systems D2587P38 Datasheet HTML 6Page - Agere Systems D2587P38 Datasheet HTML 7Page - Agere Systems D2587P38 Datasheet HTML 8Page - Agere Systems D2587P38 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Wavelength-Selected High-Power D2587P-Type (with
Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
Data Sheet, Rev. 2
July 2001
Featuring wavelength selection and locking capabilities, the
D2587P Laser Module is ideally suited for use with external
lithium niobate modulators, and in high-power (20 mW) appli-
cations.
Features
s
High-performance, multiquantum-well (MQW),
distributed-feedback (DFB) laser
s
D2587P-Type is offered on 50 GHz ITU grid
wavelengths ranging from 1528.77 nm—
1610.06 nm
s
D2547P-Type is offered on 100 GHz ITU grid
wavelengths ranging from 1528.77 nm—
1610.06 nm
s
Polarization-maintaining fiber pigtail
s
For use with lithium niobate modulators
s
High optical power (20 mW, CW)
s
Hermetic, 14-pin package
Applications
s
Telecommunications:
— Dense WDM
— SONET/SDH OC-192/STM-64
— Extended and ultralong reach
— Undersea systems
s
Digital video
Description
The D2587P-Type DFB laser module is designed for
use with an external lithium niobate modulator and
also in applications where high power (20 mW) is
required.
The use of an internal wavelength locker greatly
enhances long-term reliability and reduces chirp and
mode dispersion when used in conjunction with LN
modulators at OC-192 data rates.
A companion device, the D2547P high-power DFB
laser module, is also designed for use with a lithium
niobate external modulator, but without the use of an
internal wavelength locker.


Similar Part No. - D2587P38

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
D2580 SANYO-D2580 Datasheet
43Kb / 4P
   Color TV Horizontal Deflection Output Applications
D2581 SANYO-D2581 Datasheet
43Kb / 4P
   Color TV Horizontal Deflection Output Applications
logo
Toshiba Semiconductor
D2586 TOSHIBA-D2586 Datasheet
211Kb / 4P
   NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV)
More results

Similar Description - D2587P38

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
logo
Eudyna Devices Inc
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
logo
Agere Systems
D2570 AGERE-D2570 Datasheet
112Kb / 12P
   D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
List of Unclassifed Man...
2309-3-650 ETC2-2309-3-650 Datasheet
34Kb / 1P
   Laser Diode Modules: By Wavelength
logo
JDS Uniphase Corporatio...
WVL-2B1050110 JDSU-WVL-2B1050110 Datasheet
202Kb / 5P
   Broadband (Fabry-Perot) Wavelength Locker
logo
Agere Systems
CW20P AGERE-CW20P Datasheet
72Kb / 6P
   CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
logo
CT Micro International ...
RGBP080806-PCTC7 CTMICRO-RGBP080806-PCTC7 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev 2 Jan, 2021
BYRP161504-PBTC2 CTMICRO-BYRP161504-PBTC2 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev2 Jan, 2021
GRBC212110-PCTC6 CTMICRO-GRBC212110-PCTC6 Datasheet
1Mb / 10P
   Multi-Wavelength SMD Type
Rev1 Sep, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com