Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100324 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 100324
Description  Low Power Hex TTL-to-ECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100324 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  100324 Datasheet HTML 1Page - Fairchild Semiconductor 100324 Datasheet HTML 2Page - Fairchild Semiconductor 100324 Datasheet HTML 3Page - Fairchild Semiconductor 100324 Datasheet HTML 4Page - Fairchild Semiconductor 100324 Datasheet HTML 5Page - Fairchild Semiconductor 100324 Datasheet HTML 6Page - Fairchild Semiconductor 100324 Datasheet HTML 7Page - Fairchild Semiconductor 100324 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 Fairchild Semiconductor Corporation
DS009878
www.fairchildsemi.com
July 1988
Revised August 2000
100324
Low Power Hex TTL-to-ECL Translator
General Description
The 100324 is a hex translator, designed to convert TTL
logic levels to 100K ECL logic levels. The inputs are com-
patible with standard or Schottky TTL. A common Enable
(E), when LOW, holds all inverting outputs HIGH and holds
all true outputs LOW. The differential outputs allow each
circuit to be used as an inverting/non-inverting translator, or
as a differential line driver. The output levels are voltage
compensated over the full
−4.2V to −5.7V range.
When the circuit is used in the differential mode, the
100324, due to its high common mode rejection, over-
comes voltage gradients between the TTL and ECL ground
systems. The VEE and VTTL power may be applied in either
order.
The 100324 is pin and function compatible with the 100124
with similar AC performance, but features power dissipa-
tion roughly half of the 100124 to ease system cooling
requirements.
Features
s Pin/function compatible with 100124
s Meets 100124 AC specifications
s 50% power reduction of the 100124
s Differential outputs
s 2000V ESD protection
s
−4.2V to −5.7V operating range
s Available to MIL-STD-883
s Available to industrial grade temperature range
(PLCC package only)
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
24-Pin DIP/SOIC
28-Pin PLCC
Order Number
Package Number
Package Description
100324SC
M24B
28-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
100324PC
N24E
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide
100324QC
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square
100324QI
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square
Industrial Temperature Range (
−40°C to +85°C)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SY100S324LOW POWER HEX TTL-to-ECL TRANSLATOR 1 2 3 4 5 Micrel Semiconductor
100324Low Power Hex TTL-to-ECL Translator 1 2 3 4 5 MoreNational Semiconductor (TI)
F100324LOW POWER HEX TTL-TO-ECL TRANSLATOR 1 2 3 4 5 National Semiconductor (TI)
100325Low Power Hex ECL-to-TTL Translator 1 2 3 4 5 MoreNational Semiconductor (TI)
100325Low Power Hex ECL-to-TTL Translator 1 2 3 4 5 MoreFairchild Semiconductor
F100325Low Power Hex ECL-to-TTL Translator 1 2 3 4 5 MoreNational Semiconductor (TI)
100390Low Power Single Supply Hex PECL-to-TTL Translator 1 2 3 4 5 MoreFairchild Semiconductor
100391Low Power Single Supply Hex TTL-to-PECL Translator 1 2 3 4 5 MoreFairchild Semiconductor
F100124Hex TTL-to-ECL Translator 1 2 3 4 National Semiconductor (TI)
F100328Low Power Octal ECL/TTL Bi-Directional Translator with Latch 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn