Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100324 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 100324
Description  Low Power Hex TTL-to-ECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100324 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  100324 Datasheet HTML 1Page - Fairchild Semiconductor 100324 Datasheet HTML 2Page - Fairchild Semiconductor 100324 Datasheet HTML 3Page - Fairchild Semiconductor 100324 Datasheet HTML 4Page - Fairchild Semiconductor 100324 Datasheet HTML 5Page - Fairchild Semiconductor 100324 Datasheet HTML 6Page - Fairchild Semiconductor 100324 Datasheet HTML 7Page - Fairchild Semiconductor 100324 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
Industrial Version
DC Electrical Characteristics (Note 5)
VEE = −4.2V to −5.7V, VCC = VCCA = GND, TC = −40°C to +85°C, VTTL = +4.5V to +5.5V
Note 5: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under “worst case” conditions.
AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND, VTTL = +4.5V to +5.5V
Symbol
Parameter
TC = −40°CTC = 0°C to +85°C
Units
Conditions
Min
Max
Min
Max
VOH
Output HIGH Voltage
−1085
−870
−1025
−870
mV
VIN =VIH (Max)
Loading with
VOL
Output LOW Voltage
−1830
−1575
−1830
−1620
or VIL (Min)
50
Ω to −2.0V
VOHC
Output HIGH Voltage
−1095
−1035
mV
VIN = VIH(Min)
Loading with
VOLC
Output LOW Voltage
−1565
−1610
or VIL (Max)
50
Ω to −2.0V
VIH
Input HIGH Voltage
2.0
5.0
2.0
5.0
V
Guaranteed HIGH
Signal for All Inputs
VIL
Input LOW Voltage
0
0.8
0
0.8
V
Guaranteed LOW
Signal for All Inputs
VCD
Input Clamp Diode Voltage
−1.2
−1.2
V
IIN = −18 mA
IIH
Input HIGH Current
VIN = +2.4V,
Data
20
20
µA
All Other Inputs VIN = GND
Enable
120
120
Input HIGH Current
1.0
1.0
mA
VIN = +5.5V,
Breakdown Test, All Inputs
All Other Inputs
= GND
IIL
Input LOW Current
VIN = +0.4V,
Data
−0.9
−0.9
mA
All Other Inputs VIN = VIH
Enable
−5.4
−5.4
IEE
VEE Power Supply Current
−70
−22
−70
−22
mA
All Inputs VIN = +4.0V
ITTL
VTTL Power Supply Current
38
38
mA
All Inputs VIN = GND
Symbol
Parameter
TC = −40°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
0.50
2.80
0.50
2.70
0.50
2.80
ns
Figures 2, 1
tPHL
Data and Enable to Output
tTLH
Transition Times
0.35
1.80
0.45
1.70
0.45
1.70
ns
Figures 2, 1
tTHL
20% to 80%, 80% to 20%


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SY100S324 LOW POWER HEX TTL-to-ECL TRANSLATOR 1  2  3  4  5  Micrel Semiconductor
100324 Low Power Hex TTL-to-ECL Translator 1  2  3  4  5  More National Semiconductor (TI)
F100324 LOW POWER HEX TTL-TO-ECL TRANSLATOR 1  2  3  4  5  National Semiconductor (TI)
100325 Low Power Hex ECL-to-TTL Translator 1  2  3  4  5  More National Semiconductor (TI)
100325 Low Power Hex ECL-to-TTL Translator 1  2  3  4  5  More Fairchild Semiconductor
F100325 Low Power Hex ECL-to-TTL Translator 1  2  3  4  5  More National Semiconductor (TI)
100390 Low Power Single Supply Hex PECL-to-TTL Translator 1  2  3  4  5  More Fairchild Semiconductor
100391 Low Power Single Supply Hex TTL-to-PECL Translator 1  2  3  4  5  More Fairchild Semiconductor
F100124 Hex TTL-to-ECL Translator 1  2  3  4  National Semiconductor (TI)
F100328 Low Power Octal ECL/TTL Bi-Directional Translator with Latch 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn