Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100324 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 100324
Description  Low Power Hex TTL-to-ECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100324 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  100324 Datasheet HTML 1Page - Fairchild Semiconductor 100324 Datasheet HTML 2Page - Fairchild Semiconductor 100324 Datasheet HTML 3Page - Fairchild Semiconductor 100324 Datasheet HTML 4Page - Fairchild Semiconductor 100324 Datasheet HTML 5Page - Fairchild Semiconductor 100324 Datasheet HTML 6Page - Fairchild Semiconductor 100324 Datasheet HTML 7Page - Fairchild Semiconductor 100324 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: ESD testing conforms to MIL-STD-883, Method 3015.
Commercial Version
DC Electrical Characteristics (Note 3)
VEE = −4.2V to −5.7V, VCC = VCCA = GND, TC = 0°C to +85°C, VTTL = +4.5V to +5.5V
Note 3: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under “worst case” conditions.
DIP AC Electric Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND, VTTL = +4.5V to +5.5V
Storage Temperature (TSTG)
−65°C to +150°C
Maximum Junction Temperature (TJ)
+150°C
VEE Pin Potential to Ground Pin
−7.0V to +0.5V
VTTL Pin Potential to Ground Pin
−0.5V to +6.0V
Input Voltage (DC)
−0.5V to +6.0V
Output Current (DC Output HIGH)
−50 mA
ESD (Note 2)
≥2000V
Case Temperature (TC)
Commercial
0
°C to +85°C
Industrial
−40°C to +85°C
Supply Voltage (VEE)
−5.7V to −4.2V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOH
Output HIGH Voltage
−1025
−955
−870
mV
VIN =VIH (Max)
Loading with
VOL
Output LOW Voltage
−1830
−1705
−1620
or VIL (Min)
50
Ω to −2.0V
VOHC
Output HIGH Voltage
−1035
mV
VIN = VIH(Min)
Loading with
VOLC
Output LOW Voltage
−1610
or VIL (Max)
50
Ω to −2.0V
VIH
Input HIGH Voltage
2.0
5.0
V
Guaranteed HIGH
Signal for All Inputs
VIL
Input LOW Voltage
0
0.8
V
Guaranteed LOW
Signal for All Inputs
VCD
Input Clamp Diode Voltage
−1.2
V
IIN = −18 mA
IIH
Input HIGH Current
VIN = +2.4V,
Data
20
µA
All Other Inputs VIN = GND
Enable
120
Input HIGH Current
1.0
mA
VIN = +5.5V,
Breakdown Test, All Inputs
All Other Inputs
= GND
IIL
Input LOW Current
VIN = +0.4V,
Data
−0.9
mA
All Other Inputs VIN = VIH
Enable
−5.4
IEE
VEE Power Supply Current
−70
−45
−22
mA
All Inputs VIN = +4.0V
ITTL
VTTL Power Supply Current
25
38
mA
All Inputs VIN = GND
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
MinMax
MinMax
Min
Max
tPLH
Propagation Delay
0.50
3.00
0.50
2.90
0.50
3.00
ns
tPHL
Data and Enable to Output
Figures 2, 1
tTLH
Transition Time
0.45
1.80
0.45
1.80
0.45
1.80
ns
tTHL
20% to 80%, 80% to 20%


Similar Part No. - 100324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100324 NSC-100324 Datasheet
117Kb / 6P
   Low Power Hex TTL-to-ECL Translator
logo
Texas Instruments
100324 TI1-100324 Datasheet
153Kb / 6P
[Old version datasheet]   Low Power Hex TTL-to-ECL Translator
logo
Turck, Inc.
1003240 TURCK-1003240 Datasheet
142Kb / 3P
   Inductive Sensor
11/07/2023
1003241 TURCK-1003241 Datasheet
168Kb / 3P
   Inductive Sensor
11/07/2023
logo
National Semiconductor ...
100324D NSC-100324D Datasheet
117Kb / 6P
   Low Power Hex TTL-to-ECL Translator
More results

Similar Description - 100324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100325 NSC-F100325 Datasheet
171Kb / 7P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324 Datasheet
103Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
National Semiconductor ...
100325 NSC-100325 Datasheet
125Kb / 8P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324_06 Datasheet
506Kb / 6P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
SY100S325 MICREL-SY100S325 Datasheet
100Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
[Old version datasheet]   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S325 MICREL-SY100S325_06 Datasheet
503Kb / 6P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S324 MICREL-SY100S324_07 Datasheet
86Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
Fairchild Semiconductor
100325 FAIRCHILD-100325 Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
logo
National Semiconductor ...
100324 NSC-100324 Datasheet
117Kb / 6P
   Low Power Hex TTL-to-ECL Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com