Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUCW3020CCS Datasheet(PDF) 8 Page - Agere Systems

Part # LUCW3020CCS
Description  GSM Multiband RF Transceiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCW3020CCS Datasheet(HTML) 8 Page - Agere Systems

Back Button LUCW3020CCS Datasheet HTML 4Page - Agere Systems LUCW3020CCS Datasheet HTML 5Page - Agere Systems LUCW3020CCS Datasheet HTML 6Page - Agere Systems LUCW3020CCS Datasheet HTML 7Page - Agere Systems LUCW3020CCS Datasheet HTML 8Page - Agere Systems LUCW3020CCS Datasheet HTML 9Page - Agere Systems LUCW3020CCS Datasheet HTML 10Page - Agere Systems LUCW3020CCS Datasheet HTML 11Page - Agere Systems LUCW3020CCS Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Advance Data Sheet
W3020 GSM Multiband RF Transceiver
December 1999
8
Lucent Technologies Inc.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in
excess of those given in the operations sections of this data sheet. Exposure to maximum ratings for extended
periods can adversely affect device reliability.
Parameter
Symbol
Min
Max
Unit
Ambient Operating Temperature
TA
–30
85
°C
Storage Temperature
Tstg
–65
150
°C
Lead Temperature (soldering, 10 s)
300
°C
Positive Supply Voltage
VDD
0
4.5
V
Power Dissipation
PD
550
mW
ac Peak-to-Peak Input Voltage
Vp-p
0
VDD
V
Digital Voltages
0
VDD
V
ESD Precautions
Although protection circuitry has been designed into this device, proper precautions should be taken to avoid
exposure to electrostatic discharge (ESD) during handling and mounting. Lucent Technologies Microelectronics
Group employs a human-body model (HBM) and a charged-device model (CDM) for ESD-susceptibility testing
and design evaluation. ESD voltage thresholds are dependent on the circuit parameters used to define the
model. No industry-wide standard has been adopted for CDM. However, a standard HBM (resistance = 1500
Ω,
capacitance = 100 pF) is widely used and, therefore, can be used for comparison purposes. The HBM ESD
threshold presented here was obtained by using these circuit parameters:
Parameter
Method
Rating
Unit
ESD Threshold Voltage
HBM
1500
V
ESD Threshold Voltage (corner pins)
CDM
1000
V
ESD Threshold Voltage
CDM
500
V
Operating Range
The device is fully functional within the following operation ranges. No claims of parametric performance are
stated within this range. For parametric performance, refer to the individual specifications and operating
conditions.
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
–30
85
°C
Nominal Operating Voltage
VDD
2.7
3.6
V


Similar Part No. - LUCW3020CCS

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCW3000CCN AGERE-LUCW3000CCN Datasheet
327Kb / 28P
   W3000 PLL Dual-Band Frequency Synthesizer
LUCW3000CCN-TR AGERE-LUCW3000CCN-TR Datasheet
327Kb / 28P
   W3000 PLL Dual-Band Frequency Synthesizer
LUCW3011FCL AGERE-LUCW3011FCL Datasheet
199Kb / 12P
   1 GHz Quadrature Modulator
LUCW3030ACA AGERE-LUCW3030ACA Datasheet
429Kb / 22P
   W3030 3 V Dual-Mode IF Cellular Receiver
LUCW3030ACA-DB AGERE-LUCW3030ACA-DB Datasheet
429Kb / 22P
   W3030 3 V Dual-Mode IF Cellular Receiver
More results

Similar Description - LUCW3020CCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
TRF6903 TI1-TRF6903_08 Datasheet
726Kb / 39P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSCEIVER
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
   Multiband GSM Power Amplifier
logo
Skyworks Solutions Inc.
SKY78021 SKYWORKS-SKY78021 Datasheet
86Kb / 2P
   Multimode Multiband FEM for Quad- Band GSM
logo
NXP Semiconductors
UAA3587 PHILIPS-UAA3587 Datasheet
50Kb / 2P
   Complete, single-package GSM/GPRS/EDGE RF transceiver
September 2004
logo
Texas Instruments
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
Skyworks Solutions Inc.
SKY78071 SKYWORKS-SKY78071 Datasheet
96Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
logo
Texas Instruments
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
Skyworks Solutions Inc.
SKY78072 SKYWORKS-SKY78072 Datasheet
518Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
SKY78070 SKYWORKS-SKY78070 Datasheet
517Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com