Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2534A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C2534A
Description  COMMUNICATION CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C2534A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C2534A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C2534A
Date:
7/25/2007
Revision Level:
8
2C 18 16/30 TC PE OAS PVC
COMMUNICATION CABLE
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#18 AWG 16/30 Tinned Copper
0.016" Wall Polyethylene
0.020" Wall Polyvinyl Chloride
0.048" nom.
CAROL (R) 18 AWG -- C2534A -- 75C E111240-8 CM (UL) C (UL) CMH OR AWM STYLE
2092 -- MADE IN USA (DATE CODE)
2 conductors @ 2.50" LHL with alum./polyester
0.165" nom.
0.080" nom.
0.205" +/- 0.01"
(foil out) & #22 7/30 TC drain wire.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
GROUND CAPACITANCE:
75 C
300Vrms
7.2 Ohms/1000 ft nom
25.5 pF/ft @ 1kHz nom
45.5 pF/ft @ 1kHz nom
National Electrical Code
Article 800
UL Standard 444
Type CM
UL Standard 758
AWM Style 2092
Canadian Standards Association
Type CMH
1
2
Black
Natural
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C2534A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2530 VECTRON-C2530 Datasheet
115Kb / 5P
   PCS Base Stations
C2530 VECTRON-C2530 Datasheet
248Kb / 5P
   Wide Frequency range EFC Standard Standard Surface Mount Package Meets Stratum 3
C2530 VECTRON-C2530_06 Datasheet
115Kb / 5P
   PCS Base Stations
logo
General Cable Technolog...
C2535A GENERAL-C2535A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2536A GENERAL-C2536A Datasheet
75Kb / 1P
   COMMUNICATION CABLE
More results

Similar Description - C2534A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1642A GENERAL-C1642A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2425A GENERAL-C2425A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2426A GENERAL-C2426A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2427A GENERAL-C2427A Datasheet
74Kb / 1P
   COMMUNICATION CABLE
C2431A GENERAL-C2431A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2434A GENERAL-C2434A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2463A GENERAL-C2463A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2465A GENERAL-C2465A Datasheet
74Kb / 1P
   COMMUNICATION CABLE
C2467A GENERAL-C2467A Datasheet
74Kb / 1P
   COMMUNICATION CABLE
C2488A GENERAL-C2488A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2515A GENERAL-C2515A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com