Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTSI2K32T Datasheet(PDF) 8 Page - Agere Systems

Part # TTSI2K32T
Description  2048-Channel, 32-Highway Time-Slot Interchanger
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TTSI2K32T Datasheet(HTML) 8 Page - Agere Systems

Back Button TTSI2K32T Datasheet HTML 4Page - Agere Systems TTSI2K32T Datasheet HTML 5Page - Agere Systems TTSI2K32T Datasheet HTML 6Page - Agere Systems TTSI2K32T Datasheet HTML 7Page - Agere Systems TTSI2K32T Datasheet HTML 8Page - Agere Systems TTSI2K32T Datasheet HTML 9Page - Agere Systems TTSI2K32T Datasheet HTML 10Page - Agere Systems TTSI2K32T Datasheet HTML 11Page - Agere Systems TTSI2K32T Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
TTSI2K32T
Preliminary Data Sheet
2048-Channel, 32-Highway Time-Slot Interchanger
February 1999
8
Lucent Technologies Inc.
Pin Information (continued)
Table 2. Pin Assignments for a 217-Pin PBGA—Pin Number Order
Pin
Signal Name
Pin
Signal Name
Pin
Signal Name
Pin
Signal Name
A1
NC
C5
TXD15
F1
RXD4
K1
RXD11
A2
NC
C6
TXOE18
F2
VDD
K2
RXD10
A3
NC
C7
TXOE19
F3
RXD20
K3
RXD18
A4
TXOE1
C8
TXD19
F4
RXD22
K4
VDD
A5
TXD18
C9
NC
F14
NC
K8
VSS
A6
TXD2
C10
TXOE3
F15
TXD16
K9
VSS
A7
VDD
C11TXD20
F16NC
K10
VSS
A8
NC
C12
TXOE4
F17
TXD17
K14
VDD
A9
VDDPLL
C13
TXD22
G1
RXD3
K15
NC
A10
CKSPD0
C14
TXD23
G2
VDD
K16
TXD9
A11
CKSPD2
C15
VSS
G3
RXD5
K17
TXOE9
A12
TXD3
C16
TEST
G4
RXD19
L1
RXD17
A13
NC
C17
TCK
G14
TXD26
L2
VDD
A14
TXOE22
D1
RXD6
G15
TXOE26
L3
RXD16
A15
TXD21
D2
RXD7
G16
TXOE24
L4
RXD9
A16
NC
D3
RXD23
G17
TXD24
L14
TXOE6
A17
VSS
D4
VSS
H1
VDD
L15
VDD
B1
RXD25
D5
TXOE15
H2
RXD2
L16
NC
B2
VSS
D6
VDD
H3
NC
L17
TXOE10
B3
TXOE0
D7NC
H4VDD
M1
RXD8
B4
NC
D8
VDD
H8
VSS
M2
A8
B5
TXD1
D9
VSS
H9
VSS
M3
A10
B6
TXOE2
D10
VDD
H10
VSS
M4
VDD
B7
NC
D11
TXOE20
H14
VDD
M14
TXOE25
B8
VSSPLL
D12
VDD
H15
FSYNC
M15
VSS
B9
CK
D13
TXOE23
H16
VDD
M16
VSS
B10
CKSPD1
D14
VSS
H17
TXOE5
M17
TXD10
B11
VDD
D15
TDI
J1
RXD0
N1
A9
B12
NC
D16
TMS
J2
RXD1
N2
A11
B13
TXD4
D17
TRST
J3
A7
N3
A13
B14
TXOE21
E1
RXD12
J4
VSS
N4
NC
B15
NC
E2
RXD21
J8
VSS
N14
TXOE11
B16
VSS
E3
RXD13
J9
VSS
N15
INT
B17
RESET
E4
RXD14
J10
VSS
N16
TXOE7
C1
VDD
E14
TDO
J14
VSS
N17
TXD6
C2
RXD24
E15
VDD
J15
TXD5
P1
A12
C3
VSS
E16
TXOE16
J16
TXD8
P2
A14
C4
TXD0
E17
TXOE17
J17
TXOE8
P3
RXD26


Similar Part No. - TTSI2K32T

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TTSI001161BL-2-DB AGERE-TTSI001161BL-2-DB Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TTSI002321BL-2-DB AGERE-TTSI002321BL-2-DB Datasheet
1,016Kb / 61P
   2k x 2k Time-Slot Interchanger
TTSI004321BL-2-DB AGERE-TTSI004321BL-2-DB Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
TTSI008321BL-2-DB AGERE-TTSI008321BL-2-DB Datasheet
675Kb / 25P
   8K x 8K Time-Slot Interchanger
TTSI1K16T AGERE-TTSI1K16T Datasheet
1Mb / 64P
   1024-Channel, 16-Highway Time-Slot Interchanger
More results

Similar Description - TTSI2K32T

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TTSI4K32T AGERE-TTSI4K32T Datasheet
1Mb / 64P
   4096-Channel, 32-Highway Time-Slot Interchanger
TTSI1K16T AGERE-TTSI1K16T Datasheet
1Mb / 64P
   1024-Channel, 16-Highway Time-Slot Interchanger
TSI-2 AGERE-TSI-2 Datasheet
1,016Kb / 61P
   2k x 2k Time-Slot Interchanger
TSI-8 AGERE-TSI-8 Datasheet
675Kb / 25P
   8K x 8K Time-Slot Interchanger
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
T8100 AGERE-T8100 Datasheet
1Mb / 92P
   H.100/H.110 Interface and Time-Slot Interchanger
logo
Integrated Silicon Solu...
IS42VS16100E ISSI-IS42VS16100E Datasheet
1Mb / 81P
   2048 refresh cycles every 32 ms
logo
Teridian Semiconductor ...
73M1866B TERIDIAN-73M1866B Datasheet
1Mb / 88P
   MicroDAA™ with PCM Highway
April 2010
logo
Hamamatsu Corporation
S11155-2048-01 HAMAMATSU-S11155-2048-01 Datasheet
468Kb / 8P
   S11155-2048-01 S11156-2048-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com