Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRCV012G7 Datasheet(PDF) 9 Page - Agere Systems

Part # TRCV012G7
Description  TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TRCV012G7 Datasheet(HTML) 9 Page - Agere Systems

Back Button TRCV012G7 Datasheet HTML 5Page - Agere Systems TRCV012G7 Datasheet HTML 6Page - Agere Systems TRCV012G7 Datasheet HTML 7Page - Agere Systems TRCV012G7 Datasheet HTML 8Page - Agere Systems TRCV012G7 Datasheet HTML 9Page - Agere Systems TRCV012G7 Datasheet HTML 10Page - Agere Systems TRCV012G7 Datasheet HTML 11Page - Agere Systems TRCV012G7 Datasheet HTML 12Page - Agere Systems TRCV012G7 Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Preliminary Data Sheet
TRCV012G5 and TRCV012G7
August 2000
Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
9
Lucent Technologies Inc.
Pin Information (continued)
Table 3. Pin Descriptions—Global Signal
* Differential pins are indicated by the P and N suffixes. For nondifferential pins, N at the end of the symbol name designates active-low.
† I = input, O = output. Iu = an internal pull-up resistor on this pin, Id = an internal pull-down resistor on this pin, It = an internal termination resis-
tance of 50
Ω on this pin.
Table 4. Pin Descriptions—Power and No-Connect Signals
Note: VCCA, VCCLA, and VCCD have the same dc value, which is represented as VCC unless otherwise specified.
However, high-frequency filtering is suggested between the individual supplies.
* Differential pins are indicated by the P and N suffixes. For nondifferential pins, N at the end of the symbol name designates active-low.
† I = input, O = output. Iu = an internal pull-up resistor on this pin, Id = an internal pull-down resistor on this pin, It = an internal termination resis-
tance of 50
Ω on this pin.
Pin
Symbol*
Type
Level
Name/Description
116
RESETN
Iu
CMOS
Reset (Active-Low). Resets all synchronous logic. During
a reset, the true data outputs are in the low state and the
barred data outputs are in the high state.
0 = reset
1 or no connection = normal operation
Pin
Symbol*
Type
Level
Name/Description
9, 10, 22, 23
VCCA
IPower
Analog Power Supply (3.3 V).
24, 27, 35
VCCLA
IPower
Limiting Amplifier Power Supply (3.3 V).
8, 42, 45, 48,
56, 59, 71, 76,
81, 89, 94, 99,
106, 109, 112,
127
VCCD
IPower
Digital Power Supply (3.3 V).
13, 15, 20, 21
29, 31, 33
1, 7, 36, 38,
39, 49, 52, 55,
64—68, 86,
102, 103, 128
GND
I
Ground
Ground.
11, 12, 14, 126
NC
No Connection. These pins must be left open.


Similar Part No. - TRCV012G7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
List of Unclassifed Man...
TRC-025S035DS ETC2-TRC-025S035DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S035PS ETC2-TRC-025S035PS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S045DS ETC2-TRC-025S045DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S045PS ETC2-TRC-025S045PS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
More results

Similar Description - TRCV012G7

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
1417K5A AGERE-1417K5A Datasheet
159Kb / 14P
   NetLight 1417K5A 2.5 Gbits/s 1300 nm Laser Transceiver with Clock and Data Recovery
logo
NXP Semiconductors
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TA16 AGERE-TA16 Datasheet
476Kb / 28P
   TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
   NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
   NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com