Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTRN012G5 Datasheet(PDF) 15 Page - Agere Systems

Part # TTRN012G5
Description  TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TTRN012G5 Datasheet(HTML) 15 Page - Agere Systems

Back Button TTRN012G5 Datasheet HTML 11Page - Agere Systems TTRN012G5 Datasheet HTML 12Page - Agere Systems TTRN012G5 Datasheet HTML 13Page - Agere Systems TTRN012G5 Datasheet HTML 14Page - Agere Systems TTRN012G5 Datasheet HTML 15Page - Agere Systems TTRN012G5 Datasheet HTML 16Page - Agere Systems TTRN012G5 Datasheet HTML 17Page - Agere Systems TTRN012G5 Datasheet HTML 18Page - Agere Systems TTRN012G5 Datasheet HTML 19Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Preliminary Data Sheet
TTRN012G5 and TTRN012G7
August 2000
Clock Synthesizer, 16:1 Data Multiplexer
15
Lucent Technologies Inc.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in
excess of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect device reliability.
Handling Precautions
Although protection circuitry has been designed into this device, proper precautions should be taken to avoid
exposure to electrostatic discharge (ESD) during handling and mounting. Lucent employs a human-body model
(HBM) and charged-device model (CDM) for ESD-susceptibility testing and protection design evaluation. ESD
voltage thresholds are dependent on the circuit parameters used in the defined model. No industrywide standard
has been adopted for the CDM. However, a standard HBM (resistance = 1500
Ω, capacitance = 100 pF) is widely
used and, therefore, can be used for comparison purposes:
Operating Conditions
Table 8. Recommended Operating Conditions
Parameter
Min
Max
Unit
Power Supply Voltage (VCC)—
4.0
V
Storage Temperature
–40
125
°C
Pin Voltage
GND – 0.5
VCC + 0.5
V
Device
Voltage
TTRN012G5
≥200 V
TTRN012G7
≥200 V
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply (dc voltage)
3.135
3.3
3.465
V
Ground
V
Input Voltage:
Low
High
VIL
VIH
See Table 10,
Table 12,
Table 14.
See Table 10,
Table 12,
Table 14.
See Table 10,
Table 12,
Table 14.
V
V
Temperature:
Ambient
TA
–40
85
°C
Power Dissipation:
MBIC 025 BiCMOS
MBIC 025 SiGe BiCMOS
PD
PD
1.5
0.9
TBD
1.14
W
W


Similar Part No. - TTRN012G5

ManufacturerPart #DatasheetDescription
logo
Tokyo Coil Engineering ...
TTRN-038S TCE-TTRN-038S Datasheet
127Kb / 1P
   Transformer
TTRN-0520H TCE-TTRN-0520H Datasheet
127Kb / 1P
   Transformer
TTRN-0525PH TCE-TTRN-0525PH Datasheet
126Kb / 1P
   Transformer
TTRN-0530H TCE-TTRN-0530H Datasheet
126Kb / 1P
   Transformer
TTRN-060S TCE-TTRN-060S Datasheet
120Kb / 1P
   Transformer
More results

Similar Description - TTRN012G5

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
NXP Semiconductors
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TA16 AGERE-TA16 Datasheet
476Kb / 28P
   TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
1417K5A AGERE-1417K5A Datasheet
159Kb / 14P
   NetLight 1417K5A 2.5 Gbits/s 1300 nm Laser Transceiver with Clock and Data Recovery
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
   NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
   NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com