Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2547P909 Datasheet(PDF) 7 Page - Agere Systems

Part # D2547P909
Description  Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2547P909 Datasheet(HTML) 7 Page - Agere Systems

Back Button D2547P909 Datasheet HTML 3Page - Agere Systems D2547P909 Datasheet HTML 4Page - Agere Systems D2547P909 Datasheet HTML 5Page - Agere Systems D2547P909 Datasheet HTML 6Page - Agere Systems D2547P909 Datasheet HTML 7Page - Agere Systems D2547P909 Datasheet HTML 8Page - Agere Systems D2547P909 Datasheet HTML 9Page - Agere Systems D2547P909 Datasheet HTML 10Page - Agere Systems D2547P909 Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet, Rev. 2
Wavelength-Selected, High-Power D2587P-Type (with Wavelength
July 2001
Locker)/D2547P-Type Isolated DFB Laser Modules
7
Agere Systems Inc.
Characteristics (continued)
Outline Diagram
Dimensions are in inches and (millimeters). Tolerances are ±0.005 in. (±0.127 mm).
Table 6. D2587P/D2547P Fiber Pigtail and Optical Connector Characteristics
Parameter
Symbol
Description
Min
Typ
Max
Unit
Pigtail Length
L
Fujikura PANDA or equivalent
polarization-maintaining fiber
1.5
m
Connector Style
ST plug (FC/PC optional)
1-520.h
0.180 (4.56)
HEAT SINK
0.215 (5.45)
0.056 (1.42)
0.030 (0.75)
59.06 (1500.00)
MIN
0.10
(2.5)
0.260 (6.60)
0.215
(5.47)
REF
0.036
(0.91)
PIN 1
0.078 (1.98)
0.100 (2.54) TYP
0.105 (2.67) DIA
TYP (4) PLACES
0.020 (0.51) TYP
0.500 (12.70)
MIN
STRAIN
RELIEF
PIN 14
TRADEMARK, CODE, LASER SERIAL NUMBER,
AND DATE CODE IN APPROX. AREA SHOWN
0.200
(5.08)
~
1.025 (26.04)
0.10 ± 0.002
(2.54 ± 0.051)
0.213 (5.40) TYP
0.500
(12.70)
0.350
(8.89)
0.605
(15.37)
MAX
2.03 (51.6)
0.863 (21.91)
0.575 (14.61)
0.820 (20.83)
0.700 (17.78)
0.365
(9.27)
MAX
1.180 (29.97)


Similar Part No. - D2547P909

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
D25 OHMITE-D25 Datasheet
261Kb / 2P
   Rugged lead free vitreous enamel coating
logo
Bourns Electronic Solut...
D25-CRCW1206 BOURNS-D25-CRCW1206 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
logo
Vishay Siliconix
D25-CRCW1206 VISHAY-D25-CRCW1206 Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
D25-CRCW1206 VISHAY-D25-CRCW1206 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
D25-CRCW1206 VISHAY-D25-CRCW1206 Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results

Similar Description - D2547P909

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
logo
Eudyna Devices Inc
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
logo
Agere Systems
D2570 AGERE-D2570 Datasheet
112Kb / 12P
   D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
List of Unclassifed Man...
2309-3-650 ETC2-2309-3-650 Datasheet
34Kb / 1P
   Laser Diode Modules: By Wavelength
logo
JDS Uniphase Corporatio...
WVL-2B1050110 JDSU-WVL-2B1050110 Datasheet
202Kb / 5P
   Broadband (Fabry-Perot) Wavelength Locker
logo
Agere Systems
CW20P AGERE-CW20P Datasheet
72Kb / 6P
   CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
logo
CT Micro International ...
RGBP080806-PCTC7 CTMICRO-RGBP080806-PCTC7 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev 2 Jan, 2021
BYRP161504-PBTC2 CTMICRO-BYRP161504-PBTC2 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev2 Jan, 2021
GRBC212110-PCTC6 CTMICRO-GRBC212110-PCTC6 Datasheet
1Mb / 10P
   Multi-Wavelength SMD Type
Rev1 Sep, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com