Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBRS360BT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MBRS360BT3G
Description  SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES, 60 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS360BT3G Datasheet(HTML) 4 Page - ON Semiconductor

  MBRS360BT3G Datasheet HTML 1Page - ON Semiconductor MBRS360BT3G Datasheet HTML 2Page - ON Semiconductor MBRS360BT3G Datasheet HTML 3Page - ON Semiconductor MBRS360BT3G Datasheet HTML 4Page - ON Semiconductor MBRS360BT3G Datasheet HTML 5Page - ON Semiconductor MBRS360BT3G Datasheet HTML 6Page - ON Semiconductor MBRS360BT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MBRS360T3G, MBRS360BT3G, NRVBS360T3G, NRVBS360BT3G
http://onsemi.com
4
TL, LEAD TEMPERATURE (°C)
Figure 5. Current Derating
Figure 6. Forward Power Dissipation
0
4
01
2
3
IO, AVERAGE FORWARD CURRENT (A)
2.5
4.5 5
SQUARE WAVE
dc
0.5
1
1.5
2
3
4
RqJL = 15°C/W
3.5
2.5
1.5
0.5
SQUARE
WAVE
dc
Figure 7. Typical Capacitance
1000
10
60
010
20
30
VR, REVERSE VOLTAGE (V)
100
40
50
70
TJ = 25°C
3.5
TJ = 175°C
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
180


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn