Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBRS360BT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MBRS360BT3G
Description  SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES, 60 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS360BT3G Datasheet(HTML) 2 Page - ON Semiconductor

  MBRS360BT3G Datasheet HTML 1Page - ON Semiconductor MBRS360BT3G Datasheet HTML 2Page - ON Semiconductor MBRS360BT3G Datasheet HTML 3Page - ON Semiconductor MBRS360BT3G Datasheet HTML 4Page - ON Semiconductor MBRS360BT3G Datasheet HTML 5Page - ON Semiconductor MBRS360BT3G Datasheet HTML 6Page - ON Semiconductor MBRS360BT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MBRS360T3G, MBRS360BT3G, NRVBS360T3G, NRVBS360BT3G
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
Average Rectified Forward Current
IF(AV)
3.0 @ TL = 137°C
4.0 @ TL = 127°C
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
125
A
Storage Temperature Range
Tstg
− 65 to +175
°C
Operating Junction Temperature (Note 1)
TJ
− 65 to +175
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Lead (Note 2)
SMC Package
SMB Package
RqJL
11
15
°C/W
Thermal Resistance, Junction−to−Ambient (Note 2)
SMC Package
SMB Package
RqJA
136
145
°C/W
Thermal Resistance, Junction−to−Ambient (Note 3)
SMC Package
SMB Package (Note 4)
RqJA
71
73
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 5)
(iF = 3.0 A, TJ = 25°C)
VF
0.740
V
Maximum Instantaneous Reverse Current (Note 5)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 100°C)
iR
0.15
10
mA
2. Mounted with minimum recommended pad size, PC Board FR4.
3. 1 inch square pad size (1 x 0.5 inch for each lead) on FR4 board.
4. Typical Value; 1 inch square pad size (1 x 0.5 inch for each lead) on FR4 board.
5. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
TJ = 25°C
TJ = 150°C
TJ = 100°C
TJ = −40°C
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
TJ = 25°C
TJ = 150°C
TJ = 100°C
TJ = −40°C
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
TJ = 175°C
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
TJ = 175°C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn