Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBRS360BT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MBRS360BT3G
Description  SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES, 60 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS360BT3G Datasheet(HTML) 1 Page - ON Semiconductor

  MBRS360BT3G Datasheet HTML 1Page - ON Semiconductor MBRS360BT3G Datasheet HTML 2Page - ON Semiconductor MBRS360BT3G Datasheet HTML 3Page - ON Semiconductor MBRS360BT3G Datasheet HTML 4Page - ON Semiconductor MBRS360BT3G Datasheet HTML 5Page - ON Semiconductor MBRS360BT3G Datasheet HTML 6Page - ON Semiconductor MBRS360BT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2012
February, 2012 − Rev. 8
1
Publication Order Number:
MBRS360T3/D
MBRS360T3G,
MBRS360BT3G,
NRVBS360T3G,
NRVBS360BT3G
Surface Mount
Schottky Power Rectifier
This device
employs the Schottky Barrier principle in a large area
metal−to−silicon power diode. State−of−the−art geometry features
epitaxial construction with oxide passivation and metal overlay
contact. Ideally suited for low voltage, high frequency rectification, or
as free wheeling and polarity protection diodes, in surface mount
applications where compact size and weight are critical to the system.
Features
Small Compact Surface Mountable Package with J−Bend Leads
Rectangular Package for Automated Handling
Highly Stable Oxide Passivated Junction
Excellent Ability to Withstand Reverse Avalanche Energy Transients
Guard−Ring for Stress Protection
NRVBS Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These are Pb−Free Devices
Mechanical Characteristics
Case: Epoxy, Molded, Epoxy Meets UL 94 V−0
Weight: 217 mg (Approximately), SMC
95 mg (Approximately), SMB
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Polarity: Notch in Plastic Body Indicates Cathode Lead
Device Meets MSL 1 Requirements
ESD Ratings:
Machine Model, C
Human Body Model, 3B
Device
Package
Shipping
ORDERING INFORMATION
SMC
CASE 403
SCHOTTKY BARRIER
RECTIFIERS
3.0 AMPERES, 60 VOLTS
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MBRS360T3G
SMC
(Pb−Free)
2,500 /
Tape & Reel
B36
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAMS
AYWW
B36G
G
SMB
CASE 403A
AYWW
B36G
G
MBRS360BT3G
SMB
(Pb−Free)
2,500 /
Tape & Reel
NRVBS360T3G
SMC
(Pb−Free)
2,500 /
Tape & Reel
2,500 /
Tape & Reel
NRVBS360BT3G
SMB
(Pb−Free)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn