Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2555G39 Datasheet(PDF) 4 Page - Agere Systems

Part # D2555G39
Description  D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2555G39 Datasheet(HTML) 4 Page - Agere Systems

  D2555G39 Datasheet HTML 1Page - Agere Systems D2555G39 Datasheet HTML 2Page - Agere Systems D2555G39 Datasheet HTML 3Page - Agere Systems D2555G39 Datasheet HTML 4Page - Agere Systems D2555G39 Datasheet HTML 5Page - Agere Systems D2555G39 Datasheet HTML 6Page - Agere Systems D2555G39 Datasheet HTML 7Page - Agere Systems D2555G39 Datasheet HTML 8Page - Agere Systems D2555G39 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Agere Systems Inc.
D2570, D2526G, D2555 Wavelength-Selected
Data Sheet, Rev. 3
Direct Modulated Isolated DFB Laser Module
July 2001
D2526 Characteristics
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are
the result of engineering evaluations. Typical values are for information purposes only and are not part of the testing
requirements.
* Standard operating condition is 5.0 V reverse bias.
† Ratio of thermistor resistance at 0 °C to thermistor resistance at 50 °C.
Table 1. Electrical Characteristics (at 25 °C laser temperature)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Slope Efficiency
η
LF = 2 mW (CW)
0.06
0.09
0.13
mW/mA
Threshold Current
ITH
——
14
30
mA
Laser Forward Voltage
VLF
LF = 2 mW (CW)
1.3
1.8
V
Laser Submount Temperature
TLASER
—20
30
°C
Monitor Reverse-bias Voltage*
VRMON
—3
5
10
V
Monitor Current
IRMON
POL = 1 mW (CW)
0.1
0.3
1.5
mA
Monitor Dark Current
ID
IF = 0, VRMON = 5 V
0.01
0.1
µA
Input Impedance
ZIN
——
25
Thermistor Current
ITC
10
100
µA
Resistance Ratio
9.1
9.6
Thermistor Resistance
RTH
TL = 25 °C
9.5
10.5
k
TEC Current
ITEC
TL = 25 °C, TC = 70 °C
0.6
1.0
A
TEC Voltage
VTEC
TL = 25 °C, TC = 70°C
1.3
2.0
V
TEC Capacity
∆TTC = 70 °C
50
°C
Table 2. Optical Characteristics (at 25 °C laser temperature)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Peak Optical Output Power
PPEAK
—2.0
mW
Center Wavelength
(See Table 10.)
λcTL = 25 °C
CW wavelength
1528.77
1610.06
nm
Line Width (3 dB full width)
∆λ
Modulated at 2.5 Gbits/s
at rated power
—2
10
MHz
Side-mode Suppression Ratio
SMSR
CW
30
dB
Optical Isolation
TC = 0 °C to 70 °C
30
dB
Wavelength Drift (EOL)
∆λ
Tested over
25-year lifetime
——
±0.1
nm
Center Wavelength Drift with
Case Temperature
∆λC/∆TC
0 °C
≤ TC ≤ 70 °C
1
pm/°C
Wavelength Temperature Tuning
Coefficient
0.095
nm/°C
Tracking Error
TC = –20 °C/25 °C/70 °C
1
dB
Table 3. Dispersion Performance
Parameter
Symbol
Test
Conditions
Min
Typ
Max
Unit
Dispersion Penalty for Extended Reach
DP
1800 ps/nm
2.0
dB


Similar Part No. - D2555G39

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
D2553 TOSHIBA-D2553 Datasheet
222Kb / 4P
   NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
logo
eupec GmbH
D255K EUPEC-D255K Datasheet
103Kb / 5P
   Leistungsgleichrichterdioden Power Rectifier Diodes
D255N EUPEC-D255N Datasheet
95Kb / 5P
   Leistungsgleichrichterdioden Power Rectifier Diodes
More results

Similar Description - D2555G39

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
D2547P AGERE-D2547P Datasheet
122Kb / 14P
   Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Eudyna Devices Inc
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
Emcore Corporation
1622-E1-AA-D1-1291-04 EMCORE-1622-E1-AA-D1-1291-04 Datasheet
318Kb / 6P
   CWDM DFB Laser Module
logo
Eudyna Devices Inc
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com