Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T92 Datasheet(PDF) 6 Page - Agere Systems

Part # T92
Description  T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T92 Datasheet(HTML) 6 Page - Agere Systems

  T92 Datasheet HTML 1Page - Agere Systems T92 Datasheet HTML 2Page - Agere Systems T92 Datasheet HTML 3Page - Agere Systems T92 Datasheet HTML 4Page - Agere Systems T92 Datasheet HTML 5Page - Agere Systems T92 Datasheet HTML 6Page - Agere Systems T92 Datasheet HTML 7Page - Agere Systems T92 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
T92-Type 10 Gbits/s 1300 nm
Advance Data Sheet
Uncooled DFB Laser Transmitter
March 2001
6
Agere Systems Inc.
Qualification and Reliability
To help ensure high product reliability and customer satisfaction, Agere Systems is committed to an intensive qual-
ity program that starts in the design phase and proceeds through the manufacturing process. Optoelectronics mod-
ules are qualified to Agere Systems internal standards using MIL-STD-883 test methods and procedures and using
sampling techniques consistent with
Telcordia Technologies requirements. This qualification program fully meets
the intent of Bellcore reliability practices TR-NWT-000468 and TA-TSY-000983. In addition, the Agere Systems
Technologies Microelectronics Group Optoelectronics design, development, and manufacturing facility has been
certified to be in full compliance with the latest
ISO * 9001 Quality System Standards.
Laser Safety Information
Class I Laser Product
All versions of the T92-type transmitters are classified as Class I laser products per FDA/CDRH, 21 CFR 1040
Laser Safety requirements. The transmitters are classified with the FDA under accession number 8720009. All ver-
sions are classified as Class I laser products per
IEC 60825-1:1993.
This product complies with 21 CFR 1040.10 and 1040.11.
Wavelength = 1.5
µm
Maximum power = 10 mW
Connector Options
The standard optical fiber pigtail is 8
µm core single-mode fiber having a 0.036 in. (914 mm) diameter tight-buffered
outer-jacket. The standard length is 39 in. ± 4 in. (1 m ± 10 cm) and can be terminated with an SC, FC-PC, or LC
optical connector.
Product is not shipped with power supply.
Caution: Use of controls, adjustments, and procedures other than those specified herein may result in
hazardous laser radiation exposure.
NOTICE
Unterminated optical connectors can emit laser radiation.
Do not view with optical instruments.
* ISO is a registered trademark of The International Organization for Standardization.
IEC is a registered trademark of The International Electrotechnical Commission.


Similar Part No. - T92

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
T92 DBLECTRO-T92 Datasheet
178Kb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
Tyco Electronics
T92 MACOM-T92 Datasheet
261Kb / 3P
   2 pole 30 A, 2 CO or 2 NO contacts
logo
TE Connectivity Ltd
T92 TEC-T92 Datasheet
1Mb / 4P
   Meets requirements of UL Class F construction
T92 TEC-T92 Datasheet
789Kb / 5P
   T92 Series Two-pole Power Relay
logo
Infineon Technologies A...
T920N INFINEON-T920N Datasheet
247Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-12-08 revision:3.1
More results

Similar Description - T92

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
   NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
   NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
1241 AGERE-1241 Datasheet
166Kb / 12P
   Uncooled Laser Transmitter
logo
Optoway Technology Inc
DL-5300 OPTOWAY-DL-5300_09 Datasheet
81Kb / 4P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5500-1625 OPTOWAY-DL-5500-1625 Datasheet
111Kb / 2P
   1625 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5540 OPTOWAY-DL-5540 Datasheet
117Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com