Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T92 Datasheet(PDF) 4 Page - Agere Systems

Part # T92
Description  T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T92 Datasheet(HTML) 4 Page - Agere Systems

  T92 Datasheet HTML 1Page - Agere Systems T92 Datasheet HTML 2Page - Agere Systems T92 Datasheet HTML 3Page - Agere Systems T92 Datasheet HTML 4Page - Agere Systems T92 Datasheet HTML 5Page - Agere Systems T92 Datasheet HTML 6Page - Agere Systems T92 Datasheet HTML 7Page - Agere Systems T92 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
T92-Type 10 Gbits/s 1300 nm
Advance Data Sheet
Uncooled DFB Laser Transmitter
March 2001
4
Agere Systems Inc.
Characteristics (continued)
1. Output power definitions and measurements per proposals to the ITU-T Recommendation G.691.
2. Full spectral width measured 20 dB down from the maximum of the central wavelength peak under fully modulated conditions.
3. Ratio of the peak output power in the dominant longitudinal mode to the power in the most significant side mode under fully modulated condi-
tions.
4. Ratio of logic 1 output power to logic 0 output under fully modulated conditions.
5. GR-253-CORE,
Synchronous Optical Network (SONET) Transport Systems: Common Generic Criteria.
6. ITU-T Recommendation G.691,
Optical Interfaces for Equipment and Systems Relating to the Synchronous Digital Hierarchy.
7. The 10 Gbits/s mask has not been currently agreed to by the standards committee. Proposal is to use the 2.5 Gbits/s SONET eye mask test
scaled to 10 Gbits/s. The inner mask will be met, however, the outer mask will not be met.
Table 3. Optical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Average Power Output, T923xFAA1
PO
–6
–2
–1
dBm
Center Wavelength Range, T923xFAA
λC
1290
1330
nm
Spectral Width2
∆λ20
——
1
nm
Wavelength Shift with Temperature
∆λ/∆T
—0.1
nm/°C
Side-mode Suppression Ratio 3
SMSR
30
dB
Dispersion Penalty (D = 12 km, max.)
DP
——
1
dB
Extinction Ratio4
re
67
dB
Eye Mask of Optical Output 5, 6, 7
See Note 7.


Similar Part No. - T92

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
T92 DBLECTRO-T92 Datasheet
178Kb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
Tyco Electronics
T92 MACOM-T92 Datasheet
261Kb / 3P
   2 pole 30 A, 2 CO or 2 NO contacts
logo
TE Connectivity Ltd
T92 TEC-T92 Datasheet
1Mb / 4P
   Meets requirements of UL Class F construction
T92 TEC-T92 Datasheet
789Kb / 5P
   T92 Series Two-pole Power Relay
logo
Infineon Technologies A...
T920N INFINEON-T920N Datasheet
247Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-12-08 revision:3.1
More results

Similar Description - T92

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
   NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
   NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
1241 AGERE-1241 Datasheet
166Kb / 12P
   Uncooled Laser Transmitter
logo
Optoway Technology Inc
DL-5300 OPTOWAY-DL-5300_09 Datasheet
81Kb / 4P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5500-1625 OPTOWAY-DL-5500-1625 Datasheet
111Kb / 2P
   1625 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5540 OPTOWAY-DL-5540 Datasheet
117Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com