Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T92 Datasheet(PDF) 2 Page - Agere Systems

Part # T92
Description  T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T92 Datasheet(HTML) 2 Page - Agere Systems

  T92 Datasheet HTML 1Page - Agere Systems T92 Datasheet HTML 2Page - Agere Systems T92 Datasheet HTML 3Page - Agere Systems T92 Datasheet HTML 4Page - Agere Systems T92 Datasheet HTML 5Page - Agere Systems T92 Datasheet HTML 6Page - Agere Systems T92 Datasheet HTML 7Page - Agere Systems T92 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
T92-Type 10 Gbits/s 1300 nm
Advance Data Sheet
Uncooled DFB Laser Transmitter
March 2001
2
2
Agere Systems Inc.
Description (continued)
Transmitter Processing
The transmitter can withstand normal wave soldering
processes. The complete transmitter module is not her-
metically sealed; therefore, it should not be immersed
in or sprayed with any cleaning solution or solvents.
The process cap and fiber pigtail jacket can deform at
temperatures greater than 85 °C. The transmitter pins
can be wave-soldered at a maximum temperature of
250 °C for 10 seconds.
Installation Considerations
Although the transmitter has been designed with rug-
gedness in mind, care should be used during handling.
The optical connector should be kept free from dust,
and the process cap should be kept in place as a dust
cover when the device is not connected to a cable. If
contamination is present on the optical connector, the
use of canned air with an extension tube should
remove any debris. Other cleaning procedures are
identified in the
Cleaning Fiber-Optic Assemblies Tech-
nical Note (TN95-010LWP).
Laser Degrade-mode Alarm
An output of the transmitter that indicates when the
laser bias has reached its end-of-life condition. The
transmitter will still function, but may not meet all speci-
fications. The transmitter should be replaced when this
alarm is active (active low). Specifically, this alarm indi-
cates that the bias of the laser has changed more than
50% from its original value.
Back-facet Monitor Output
This is an analog output that indicates whether the
transmitter has the correct optically generated back-
facet current. It may be used for alarm purposes. It is
referenced to VEE. Under normal operating conditions,
this monitor will output a voltage that is nominally
500 mV above VEE. When the optical output power of
the transmitter increases or decreases, this voltage will
move proportionately.
Bias Monitor Output
This is an optional analog output voltage that indicates
the bias current being supplied to the laser. It is refer-
enced to VEE. The conversion for this monitor output is
20 mV for every 1 mA of bias current to the laser. For
example, a 400 mV output above VEE would indicate
20 mA of bias current to the laser.
Table 1. Pin Descriptions
1. Laser back-facet function is a customer-use option that is not
required for normal operations of the transmitter and is normally
used during manufacture and for diagnostics.
2. Laser temperature (°C) = (VTEMP – 0.5 V)/0.01 V, where VTEMP is
the temperature monitor voltage.
3. This pin can be tied to ground.
4. For single-ended operation, data signal must be on pin 16, and
DATA
(pin 18) must 50
Ω terminated to ground; for single-ended
clocked operation, clock signal must be on pin 20, and CLOCK (pin
22) must be 50
Ω terminated to ground.
Pin Number
Name
1VEE
2
Back-facet Monitor1
3
Bias Monitor
4
Tx Enable
5
Clock Select
6
Ground
7
Temperature Monitor2
8
Laser Degrade Alarm
9
NUC
10
NUC
11
NUC3
12
VEE
13
VCC
14
NUC3
15
Ground
16
DATA4
17
Ground
18
DATA4
19
Ground
20
CLOCK4
21
Ground
22
CLOCK4
23
Ground
24
VCC


Similar Part No. - T92

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
T92 DBLECTRO-T92 Datasheet
178Kb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
Tyco Electronics
T92 MACOM-T92 Datasheet
261Kb / 3P
   2 pole 30 A, 2 CO or 2 NO contacts
logo
TE Connectivity Ltd
T92 TEC-T92 Datasheet
1Mb / 4P
   Meets requirements of UL Class F construction
T92 TEC-T92 Datasheet
789Kb / 5P
   T92 Series Two-pole Power Relay
logo
Infineon Technologies A...
T920N INFINEON-T920N Datasheet
247Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-12-08 revision:3.1
More results

Similar Description - T92

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
   NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
   NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
1241 AGERE-1241 Datasheet
166Kb / 12P
   Uncooled Laser Transmitter
logo
Optoway Technology Inc
DL-5300 OPTOWAY-DL-5300_09 Datasheet
81Kb / 4P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5500-1625 OPTOWAY-DL-5500-1625 Datasheet
111Kb / 2P
   1625 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5540 OPTOWAY-DL-5540 Datasheet
117Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com