Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSHSM-1-SS Datasheet(PDF) 1 Page - Major League Electronics

Part # SSHSM-1-SS
Description  .100 cl Single Row Socket Strips - Surface Mount - Vertical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

SSHSM-1-SS Datasheet(HTML) 1 Page - Major League Electronics

  SSHSM-1-SS Datasheet HTML 1Page - Major League Electronics SSHSM-1-SS Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Socket Strips - Surface Mount - Vertical
.100 cl Single Row
SSHSM-1-SV-S SERIES
30 JAN 07
Major League Electronics .100 cl Socket Strips - Surface Mount - Vertical
Row Specification
S = Single Row
Pins Per Row
SSHSM-1 XX
S
XX
Ordering Information
02
LF
01 - 40
Lead Free
Packing Information
TR-P = Tape and Reel with Plastic Pick and Place pad
TB-P = Tube with Plastic Pick and Place pad
TB-0 = Tube without Pick and Place Pad
If left blank, packaging at MLE's discretion
Pad may be metal, mylar or plastic
XX
X
XXX
Surface Mount
Polarized Position
Leave blank if not needed
If required, specify empty pin position, e.g. 012 for Pin 12
V
Vertical
S
Footprint
S = pin 1 right
Plating Options
30µ Gold on Contact Area / Matte Tin on Tail
H
Matte Tin All Over
T
10µ Gold on Contact Area / Matte Tin on Tail
GT
10µ Gold on Contact area / Flash on tail
G
Gold Flash over Entire Pin
F
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Specifications
Insertion Depth: .145 (3,68) to .250 (6,35)
Insertion Force - Per Contact - H Plating:
6oz. (1,67N) avg with .025 (0,64mm) sq. pin
Withdrawal Force - Per Contact - H Plating:
5oz. (1,39N) avg with .025 (0,64mm) sq. pin
Current Rating: 3.0 Ampere
Insulation Resistance: 1000MΩ Min.
Dielectric Withstanding: 600V AC
Contact Resistance: 20 mΩ Max.
Operating Temperature: -40°C to + 105°C
Max. Process Temperature:
Peak: 260°C up to 20 secs.
Process: 230°C up to 60 secs.
Wave: 260°C up to 6 secs.
Reflow: 260°C up to 10 secs.
Manual Solder: 350°C up to 5 secs.
Materials
Contact Material: Phosphor Bronze
Insulator Material: Nylon 6T
Plating: Au or Sn over 50µ" (1,27) Ni
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice
Mates with:
BSTC,
TSHCR,
BSTCM,
TSHCRE,
BSTCR,
TSHCRSM,
BSTCRSM, TSHR,
BSTS,
TSHRE,
LBSTCM,
TSHS,
LTSHCR,
TSHSCM,
LTSHCRE,
TSHSM,
LTSHR,
ULTSHSM,
LTSHRE,
ULTSHC,
LTSHSM,
ULTHSCR
TSHC,


Similar Part No. - SSHSM-1-SS

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
SSHSM-1-SH MAJOR-LEAGUE-SSHSM-1-SH Datasheet
107Kb / 2P
   Socket Strips - Surface Mount - Horizontal
SSHSM-1-SM MAJOR-LEAGUE-SSHSM-1-SM Datasheet
98Kb / 2P
   .100 cl Single Row Socket Strips - Surface Mount - Vertical
More results

Similar Description - SSHSM-1-SS

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
SSHSM-1-SM MAJOR-LEAGUE-SSHSM-1-SM Datasheet
98Kb / 2P
   .100 cl Single Row Socket Strips - Surface Mount - Vertical
SSHSM-1-DV MAJOR-LEAGUE-SSHSM-1-DV Datasheet
262Kb / 1P
   .100 cl Dual Row Socket Strips - Surface Mount -Vertical
SSHSM-2-SS MAJOR-LEAGUE-SSHSM-2-SS Datasheet
100Kb / 2P
   .079 cl Single Row -Surface Mount Socket Strips - Vertical
SSHSM-2-SM MAJOR-LEAGUE-SSHSM-2-SM Datasheet
100Kb / 2P
   .079 cl Single Row - Surface Mount Socket Strips - Vertical
SSHSM-2-DV MAJOR-LEAGUE-SSHSM-2-DV Datasheet
128Kb / 2P
   .079 cl Dual Row - Surface Mount Socket Strips - Vertical
SSHS-1-S MAJOR-LEAGUE-SSHS-1-S Datasheet
83Kb / 2P
   .100 cl Single Row Socket Strips - Straight
BSSQ-1-S MAJOR-LEAGUE-BSSQ-1-S Datasheet
268Kb / 1P
   .100 cl Single Row Board Stacker Socket Strips
SSHR-1-S MAJOR-LEAGUE-SSHR-1-S Datasheet
250Kb / 1P
   .100 cl Single Row - Right Angle Socket Strips
BSSH-1-S MAJOR-LEAGUE-BSSH-1-S Datasheet
262Kb / 1P
   .100 cl Single Row Board Stacker Socket Strips
BSSQM-1-SM MAJOR-LEAGUE-BSSQM-1-SM Datasheet
272Kb / 1P
   .100 cl Single Row - Vertical Board Stacker Socket - Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com