Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8535B Datasheet(PDF) 34 Page - Agere Systems

Part # T8535B
Description  T8535B/T8536B Quad Programmable Codec
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8535B Datasheet(HTML) 34 Page - Agere Systems

Back Button T8535B Datasheet HTML 30Page - Agere Systems T8535B Datasheet HTML 31Page - Agere Systems T8535B Datasheet HTML 32Page - Agere Systems T8535B Datasheet HTML 33Page - Agere Systems T8535B Datasheet HTML 34Page - Agere Systems T8535B Datasheet HTML 35Page - Agere Systems T8535B Datasheet HTML 36Page - Agere Systems T8535B Datasheet HTML 37Page - Agere Systems T8535B Datasheet HTML 38Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
34
Agere Systems Inc.
Preliminary Data Sheet
September 2001
T8535B/T8536B Quad Programmable Codec
Timing Characteristics
Control Interface Timing
Serial Control Port Timing
Table 17. Serial Control Port Timing (See Figures 22 and 23.)
*The tSXBDLY delay is from either DCLK or CS, whichever transition is later, for the first bit of the byte.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
fDCLK
Clock Frequency (all commands)
4096
kHz
tCSSETUP
Chip Select Setup Time, Normal Mode
DCLK = 4.096 MHz
7
ns
tCSHOLD
Chip Select Hold Time, Normal Mode
DCLK = 4.096 MHz
4
ns
tSXDLY
Output Data Delay, Normal Mode
DCLK = 4.096 MHz
9
ns
tSDHOLD
Input Data Hold Time, Normal Mode
DCLK = 4.096 MHz
4
ns
tSDSETUP
Input Data Setup Time, Normal Mode
DCLK = 4.096 MHz
7
ns
tSDZ
Output Data, High Impedance
DCLK = 4.096 MHz
100
ns
tRISE
Clock Edge Rise Time
DCLK = 4.096 MHz
12
ns
tFALL
Clock Edge Fall Time
DCLK = 4.096 MHz
12
ns
tRISE,
tFALL
Line Driver Rise/Fall Time (DO output)
IL = 15 mA,
CLOAD = 100 pF
30
ns
tCSBHOLD Chip Select Hold Time, Byte-by-Byte Mode
DCLK = 4.096 MHz
4
ns
tSXBDLY
Output Data Delay, Byte-by-Byte Mode
DCLK = 4.096 MHz*
9
ns
tCSBSETUP Chip Select Setup Time, Byte-by-Byte Mode
DCLK = 4.096 MHz
7
ns
tSDBHOLD Data Hold Time, Byte-by-Byte Mode
DCLK = 4.096 MHz
4
ns
tSDBSETUP Data Setup Time, Byte-by-Byte Mode
DCLK = 4.096 MHz
7
ns


Similar Part No. - T8535B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8531 AGERE-T8531 Datasheet
999Kb / 48P
   T8502 and T8503 Dual PCM Codecs with Filters
T8531A AGERE-T8531A Datasheet
888Kb / 50P
   T8531A/8532 Multichannel Programmable Codec Chip Set
T8532 AGERE-T8532 Datasheet
999Kb / 48P
   T8502 and T8503 Dual PCM Codecs with Filters
T8532 AGERE-T8532 Datasheet
888Kb / 50P
   T8531A/8532 Multichannel Programmable Codec Chip Set
T8533 AGERE-T8533 Datasheet
890Kb / 48P
   T8533/34 Quad Programmable Line Card Signal Processor
More results

Similar Description - T8535B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821004J RENESAS-821004J Datasheet
1,003Kb / 16P
   QUAD NON-PROGRAMMABLE PCM CODEC
NOVEMBER 2020
logo
Integrated Device Techn...
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com