Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

T8535B Datasheet(PDF) 32 Page - Agere Systems

Part No. T8535B
Description  T8535B/T8536B Quad Programmable Codec
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AGERE [Agere Systems]
Homepage  http://www.agere.com
Logo 

T8535B Datasheet(HTML) 32 Page - Agere Systems

Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
32
Agere Systems Inc.
Preliminary Data Sheet
September 2001
T8535B/T8536B Quad Programmable Codec
Electrical Characteristics (continued)
Distortion and Group Delay
Table 15. Distortion and Group Delay
* Absolute group delay is a function of time-slot assignment, and the maximum in this table refers to the optimal (minimum group delay) time-
slot assignment.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Signal to Total Distortion,
Transmit or Receive
STDX
STDR
Sinusoidal test method level:
µ-law −30 dBm0 to +3 dBm0
A-law
−30 dBm0 to +3 dBm0
µ-law −40 dBm0 to −30 dBm0
A-law
−40 dBm0 to −30 dBm0
µ-law −45 dBm0 to −40 dBm0
A-law
−45 dBm0 to −40 dBm0.
36
35
31
30
27
25
dB
dB
dB
dB
dB
dB
Single Frequency Distortion,
Transmit
SFDX
0 dBm0 single frequency input,
200 Hz < fIN < 3400 Hz; measured
at any other single frequency.
——
−46
dB
Single Frequency Distortion,
Receive
SFDR
0 dBm0 single frequency input,
200 Hz < fIN < 3400 Hz; measured
at any other single frequency.
——
−46
dB
Intermodulation Distortion
IMD
Transmit or receive, two
frequencies in the range of
300 Hz to 3400 Hz.
−55
−49
dB
TX Group Delay, Absolute*
DXA
f = 1600 Hz, 600
resistive termination.
——
475
µs
RX Group Delay, Absolute*
DRA
f = 1600 Hz, 600
resistive termination.
——
260
µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn