Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

T8535B Datasheet(PDF) 16 Page - Agere Systems

Part No. T8535B
Description  T8535B/T8536B Quad Programmable Codec
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AGERE [Agere Systems]
Homepage  http://www.agere.com
Logo 

T8535B Datasheet(HTML) 16 Page - Agere Systems

Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
16
Agere Systems Inc.
Preliminary Data Sheet
September 2001
T8535B/T8536B Quad Programmable Codec
Functional Description (continued)
The Control Interface (continued)
Write Command
A write command is used to write to the memory addresses. Figures 8—11 illustrate normal or byte-by-byte opera-
tion with continuous or gapped DCLKs. For gapped DCLK operation, transitions, not frequency, are critical (as long
as the transitions do not exceed the maximum DCLK frequencies).
0078B
* Allow a minimum of 244 ns before the next command frame.
Note: Data field length of 1 shown.
Figure 8. Write Operation, Normal Mode (Continuous DCLK)
0078C
* Allow a minimum of 244 ns before the next command frame.
Note: Data field length of 1 shown.
Figure 9. Write Operation, Normal Mode (Gapped DCLK)
COMMAND FRAME
01
7
01
7
CS
DCLK
DI
COMMAND
START ADDRESS
DATA
01
7
01
7
01
7
01
7
LENGTH
01
7
01
7
*
COMMAND FRAME
01
7
01
7
CS
DCLK
DI
COMMAND
START ADDRESS
DATA
01
7
01
7
01
7
01
7
LENGTH
01
7
01
7
*


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn